Electronic Components Datasheet Search
  English  ▼

X  

OA4NP Datasheet(PDF) 19 Page - STMicroelectronics

Part # OA4NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4NP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button OA4NP Datasheet HTML 15Page - STMicroelectronics OA4NP Datasheet HTML 16Page - STMicroelectronics OA4NP Datasheet HTML 17Page - STMicroelectronics OA4NP Datasheet HTML 18Page - STMicroelectronics OA4NP Datasheet HTML 19Page - STMicroelectronics OA4NP Datasheet HTML 20Page - STMicroelectronics OA4NP Datasheet HTML 21Page - STMicroelectronics OA4NP Datasheet HTML 22Page - STMicroelectronics OA4NP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID025993 Rev 2
19/31
OA1NP, OA2NP, OA4NP
Application information
31
Equation 5
To evaluate the op amp reliability, a follower stress condition is used where VCC is defined
as a function of the maximum operating voltage and the absolute maximum rating (as
recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at
different measurement conditions (see Equation 6).
Equation 6
The long term drift parameter (Vio), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of the
calculated number of months (Equation 7).
Equation 7
where Vio drift is the measured drift value in the specified test conditions after 1000 h stress
duration.
4.5
Schematic optimization aiming for low power
To benefit from the full performance of the The OA1NP, OA2NP and OA4NP series, the
impedances must be maximized so that current consumption is not lost where it is not
required.
For example, an aluminum electrolytic capacitance can have significantly high leakage. This
leakage may be greater than the current consumption of the op amp. For this reason,
ceramic type capacitors are preferred.
For the same reason, big resistor values should be used in the feedback loop. However,
there are three main limitations to be considered when choosing a resistor.
1.
When the The OA1NP, OA2NP and OA4NP series is used with a sensor: the
resistance connected between the sensor and the input must remain much higher than
the impedance of the sensor itself.
2.
Noise generated: a100 kresistor generates 40
, a bigger resistor value generates
even more noise.
3.
Leakage on the PCB: leakage can be generated by moisture. This can be improved by
using a specific coating process on the PCB.
Months
A
F
1000 h
12 months
24 h
365.25 days

=
V
CC
maxV
op with Vicm
V
CC 2
==
V
io
V
iodrift
months

------------------------------
=
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com