Electronic Components Datasheet Search
  English  ▼

X  

MDS5652 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS5652
Description  Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5652 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS5652 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March. 2009. Version 0.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Ta=25
oC
7.5
A
Continuous Drain Current
Ta=100
oC
ID
4.8
A
Pulsed Drain Current
IDM
30
A
Ta=25
oC
2.0
Power Dissipation
(1)
Ta=100
oC
PD
0.8
W
Single Pulse Avalanche Energy
(2)
EAS
12
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~+150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient(Steady-State)
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
RθJC
50
oC/W
MDS5652
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m
General Description
The MDS5652 uses advanced MagnaChip’s MOSFET
Technology, which provides low on-state resistance, high
switching performance and exellent reliability.
Applications
Portable Equipment Applications
DC-DC Converter applications
General purpose applications
1(S1)
2(G1)
3(S2)
4(G2)
8(D1)
7(D1)
6(D2)
5(D2)
D1
G1
S1
D2
G2
S2
Features
VDS = 30V
ID = 7.5A @VGS = 10V
RDS(ON)
< 22m
@VGS = 10V
< 35m
@VGS = 4.5V


Similar Part No. - MDS5652

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS5652URH VBSEMI-MDS5652URH Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDS5652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672 Datasheet
266Kb / 11P
N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
logo
Intersil Corporation
HUF76112SK8 INTERSIL-HUF76112SK8 Datasheet
255Kb / 12P
7.5A, 30V, 0.026 Ohm, N-Channel, Logic Level Power MOSFET
2000 04
ITF86110DK8T INTERSIL-ITF86110DK8T Datasheet
200Kb / 13P
7.5A, 30V, 0.025 Ohm, Dual N-Channel, Logic Level, Power MOSFET
January 2000
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDS5601 MGCHIP-MDS5601 Datasheet
678Kb / 6P
Dual N-channel Trench MOSFET 30V, 12.9A, 10.5m(ohm)
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5693 MGCHIP-MDU5693 Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com