Electronic Components Datasheet Search
  English  ▼

X  

MDS5652 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDS5652
Description  Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5652 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDS5652 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS5652 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March. 2009. Version 0.0
MagnaChip Semiconductor Ltd
.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
8.0V
10V
7.0V
6.0V
5.0V
4.5V
4.0V
3.5V
VGS=3.0V
V
DS [V]
0
5
10
15
20
10
20
30
40
V
GS=4.5V
V
GS=10V
I
D [A]
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
GS=4.5V
I
D=5.0A
V
GS=10V
I
D=7.5A
T
J, Junction Temperature [
oC]
2
4
6
8
10
10
20
30
40
50
*Note ; I
D = 7.5A
25℃
125℃
V
GS [V]
0
1
2
3
4
5
0
5
10
15
20
125℃
*Note ; V
DS=5.0V
25℃
V
GS [V]
0.0
0.2
0.4
0.6
0.8
1.0
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1
10
125℃
25℃
-V
SD [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com