Electronic Components Datasheet Search
  English  ▼

X  

MAX159 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX159
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX159 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX159 Datasheet HTML 8Page - Maxim Integrated Products MAX159 Datasheet HTML 9Page - Maxim Integrated Products MAX159 Datasheet HTML 10Page - Maxim Integrated Products MAX159 Datasheet HTML 11Page - Maxim Integrated Products MAX159 Datasheet HTML 12Page - Maxim Integrated Products MAX159 Datasheet HTML 13Page - Maxim Integrated Products MAX159 Datasheet HTML 14Page - Maxim Integrated Products MAX159 Datasheet HTML 15Page - Maxim Integrated Products MAX159 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
star-point (Figure 11) connecting the two ground sys-
tems (analog and digital). For lowest-noise operation,
ensure the ground return to the star ground’s power
supply is low impedance and as short as possible.
Route digital signals far away from sensitive analog and
reference inputs.
High-frequency noise in the power supply (VDD) could
influence the proper operation of the ADC’s fast com-
parator. Bypass VDD to the star ground with a network
of two parallel capacitors, 0.1µF and 1µF, located as
close as possible to the power supply pin of the
MAX157/MAX159. Minimize capacitor lead length for
best supply-noise rejection and add an attenuation
resistor (10
Ω) if the power supply is extremely noisy.
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
______________________________________________________________________________________
13
SCK
SDI
GND
GND
I/O
SCLK
DOUT
CS/SHDN
VDD
VDD
MAX157
MAX159
PIC16/PIC17
CHID
D9
D8
D7
D6
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
D5
D4
D3
D2
D1
HIGH-Z
DOUT*
CS/SHDN
SCLK
1ST BYTE READ
2ND BYTE READ
SAMPLING INSTANT
*WHEN CS/SHDN IS HIGH, DOUT = HIGH - Z
MSB
LSB
D0
S1
S0
Figure 10b. SPI Interface Timing Sequence with PIC16/17 in Master Mode (CKE = 1, CKP = 0, SMP = 0, SSPM3–SSPM0 = 0001)
Figure 10a. SPI Interface Connection for a PIC16/PIC17
Controller
CHID
D9
D8
D7
D6
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
D5
D4
D3
D2
D1
HIGH-Z
DOUT
CS/SHDN
SCLK
SAMPLING INSTANT
*WHEN CS/SHDN IS HIGH, DOUT = HIGH - Z
MSB
LSB
D0
S1
S0
Figure 9b. QSPI Interface Timing Sequence (CPOL = CPHA = 0)
+3V
GND
+3V
POWER SUPPLIES
DGND
+3V
GND
VDD
DIGITAL
CIRCUITRY
MAX157
MAX159
R* = 10
Ω
1
µF
0.1
µF
* OPTIONAL FILTER RESISTOR
Figure 11. Power-Supply Bypassing and Grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com