Electronic Components Datasheet Search
  English  ▼

X  

MAX159 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX159
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX159 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX159 Datasheet HTML 1Page - Maxim Integrated Products MAX159 Datasheet HTML 2Page - Maxim Integrated Products MAX159 Datasheet HTML 3Page - Maxim Integrated Products MAX159 Datasheet HTML 4Page - Maxim Integrated Products MAX159 Datasheet HTML 5Page - Maxim Integrated Products MAX159 Datasheet HTML 6Page - Maxim Integrated Products MAX159 Datasheet HTML 7Page - Maxim Integrated Products MAX159 Datasheet HTML 8Page - Maxim Integrated Products MAX159 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX159, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND. .............................................................-0.3V to +6V
CH0, CH1 (CH+, CH-) to GND...................-0.3V to (VDD + 0.3V)
REF to GND ................................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
DOUT to GND.............................................-0.3V to (VDD + 0.3V)
DOUT Sink Current ............................................................ 25mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX157/MAX159_C_A .......................................0°C to +70°C
MAX157/MAX159_E_A ....................................-40°C to +85°C
MAX157/MAX159_MJA................................. -55°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN (sine wave) = 10kHz, VIN = 2.5Vp-p, 108ksps, external fSCLK = 2.17MHz, CH- = GND for MAX159)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Gain Error (Note 3)
±2
LSB
Offset Error
±2
LSB
Differential Nonlinearity
DNL
±0.5
LSB
±1
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.02
LSB
Channel-to-Channel Gain
Matching
±0.02
LSB
Resolution
RES
10
Bits
Relative Accuracy (Note 2)
INL
±0.5
LSB
Signal-to-Noise Ratio plus
Distortion
SINAD
66
dB
Total Harmonic Distortion
(including 5th-order harmonic)
THD
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Channel-to-Channel Crosstalk
-75
dB
Small-Signal Bandwidth
2.25
MHz
Full-Power Bandwidth
1.0
MHz
CONDITIONS
No missing codes over temperature
MAX15_B
External reference, VREF = 2.5V
fIN = 65kHz, VIN = 2.5Vp-p (Note 4)
-3dB rolloff
MAX15_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com