Electronic Components Datasheet Search
  English  ▼

X  

MPC9993 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9993 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC9993 Datasheet HTML 1Page - Integrated Device Technology MPC9993 Datasheet HTML 2Page - Integrated Device Technology MPC9993 Datasheet HTML 3Page - Integrated Device Technology MPC9993 Datasheet HTML 4Page - Integrated Device Technology MPC9993 Datasheet HTML 5Page - Integrated Device Technology MPC9993 Datasheet HTML 6Page - Integrated Device Technology MPC9993 Datasheet HTML 7Page - Integrated Device Technology MPC9993 Datasheet HTML 8Page - Integrated Device Technology MPC9993 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MPC9993 REVISION 3 JANUARY 23, 2013
4
©2013 Integrated Device Technology, Inc.
MPC9993 Data Sheet
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS) PLL CLOCK DRIVER
Table 4. DC Characteristics (VCC = 3.3 V ± 5%, TA = – 40° to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS control inputs (MR, PLL_En, Sel_Clk, Man_Override, Alarm_Reset)
VIH
Input High Voltage
2.0
VCC + 0.3
V
VIL
Input Low Voltage
0.8
V
IIN
Input Current(1)
1. Inputs have internal pull-up/pull-down resistors affecting the input current.
100
A
VIN = VCC or GND
LVCMOS control outputs (Clk_selected, Inp0bad, Inp1bad)
VOH
Output High Voltage
2.0
V
IOH = –24 mA
VOL
Output Low Voltage
0.55
V
IOL = 24 mA
LVPECL clock inputs (CLK0, CLK1, Ext_FB)(2)
2. Clock inputs driven by differential LVPECL compatible signals.
VPP
DC Differential Input Voltage(3)
3. VPP is the minimum differential input voltage swing required to maintain AC characteristics.
0.1
1.3
V
Differential operation
VCMR
Differential Cross Point Voltage(4)
4. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
VCC –1.8
VCC –0.3
V
Differential operation
IIN
Input Current(1)
100
A
VIN = VCC or GND
LVPECL clock outputs (QA[1:0], QB[2:0])
VOH
Output High Voltage
VCC –1.20
VCC –0.95
VCC –0.70
V
Termination 50
 to VTT
VOL
Output Low Voltage
VCC –1.90
VCC –1.75
VCC –1.45
V
Termination 50
 to VTT
Supply Current
IGND
Maximum Power Supply Current
180
mA
GND Pins
ICC_PLL
Maximum PLL Supply Current
15
mA
VCC_PLL Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com