Electronic Components Datasheet Search
  English  ▼

X  

MPC9993 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9993 Datasheet(HTML) 1 Page - Integrated Device Technology

  MPC9993 Datasheet HTML 1Page - Integrated Device Technology MPC9993 Datasheet HTML 2Page - Integrated Device Technology MPC9993 Datasheet HTML 3Page - Integrated Device Technology MPC9993 Datasheet HTML 4Page - Integrated Device Technology MPC9993 Datasheet HTML 5Page - Integrated Device Technology MPC9993 Datasheet HTML 6Page - Integrated Device Technology MPC9993 Datasheet HTML 7Page - Integrated Device Technology MPC9993 Datasheet HTML 8Page - Integrated Device Technology MPC9993 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
Intelligent Dynamic Clock Switch (IDCS)
PLL Clock Driver
MPC9993
MPC9993 REVISION 3 JANUARY 23, 2013
1
©2013 Integrated Device Technology, Inc.
The MPC9993 is a PLL clock driver designed specifically for redundant clock
tree designs. The device receives two differential LVPECL clock signals from
which it generates 5 new differential LVPECL clock outputs. Two of the output
pairs regenerate the input signals frequency and phase while the other three
pairs generate 2x, phase aligned clock outputs.
Features
•
Fully Integrated PLL
•
Intelligent Dynamic Clock Switch
•
LVPECL Clock Outputs
•
LVCMOS Control I/O
•
3.3 V Operation
•
32-Lead LQFP Packaging
•
32-Lead Pb-Free Package Available
Functional Description
The MPC9993 Intelligent Dynamic Clock Switch (IDCS) circuit continuously
monitors both input CLK signals. Upon detection of a failure (CLK stuck HIGH or
LOW for at least 1 period), the INP_BAD for that CLK will be latched (H). If that
CLK is the primary clock, the IDCS will switch to the good secondary clock and
phase/frequency alignment will occur with minimal output phase disturbance.
The typical phase bump caused by a failed clock is eliminated. (See Application
Information section).
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-04
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
MPC9993
INTELLIGENT DYNAMIC
CLOCK SWITCH
PLL CLOCK DRIVER
CLK0
CLK0
CLK1
CLK1
Ext_FB
Ext_FB
Sel_Clk
Dynamic
Switch
Logic
PLL
PLL_En
8
16
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qa0
Qa0
Qa1
Qa1
MR
Man_Override
Clk_Selected
Inp1bad
Inp0bad
Alarm_Reset
800 – 1600 MHz
OR
Figure 1. Block Diagram
Product Discontinuance Notice – Last Time Buy Expires on (12/7/2013)


Similar Part No. - MPC9993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Motorola, Inc
MPC9993D MOTOROLA-MPC9993D Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
MPC9993DFA MOTOROLA-MPC9993DFA Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
MPC9993FA MOTOROLA-MPC9993FA Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
More results

Similar Description - MPC9993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
logo
Exar Corporation
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com