Electronic Components Datasheet Search
  English  ▼

X  

MLSH Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # MLSH
Description  Hermetically sealed with no dry out
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSH Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  MLSH Datasheet HTML 1Page - Cornell Dubilier Electronics MLSH Datasheet HTML 2Page - Cornell Dubilier Electronics MLSH Datasheet HTML 3Page - Cornell Dubilier Electronics MLSH Datasheet HTML 4Page - Cornell Dubilier Electronics MLSH Datasheet HTML 5Page - Cornell Dubilier Electronics MLSH Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLSH 125 °C Hermetic Slimpack, Aluminum Electrolytic Capacitor
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type MLSH Operating Life in Kilohours vs Ripple Current
55°C
65°C
75°C
85°C
95°C
105°
115°C
0
500
1000
1500
2000
2500
1
10
100
1000
10000
100000
1000000
Freq (Hz)
Cap vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
0.01
0.1
1.0
10.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
ESR vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
0.01
0.1
1.0
10.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
|Z| vs. Frequency & Temp
125
105
85
65
45
25
0
-20
-40
-55
MLSH222M640JK0C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com