Electronic Components Datasheet Search
  English  ▼

X  

MLSH Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLSH
Description  Hermetically sealed with no dry out
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSH Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLSH Datasheet HTML 1Page - Cornell Dubilier Electronics MLSH Datasheet HTML 2Page - Cornell Dubilier Electronics MLSH Datasheet HTML 3Page - Cornell Dubilier Electronics MLSH Datasheet HTML 4Page - Cornell Dubilier Electronics MLSH Datasheet HTML 5Page - Cornell Dubilier Electronics MLSH Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLSH 125 °C Hermetic Slimpack, Aluminum Electrolytic Capacitor
The world’s only hermetically sealed aluminum electrolytic capacitor with
glass-to-metal seal, type MLSH has extraordinary long life and rugged
construction for the most demanding power electronics applications.
Type MLSH has superior capacitance retention compared to axial wet
tantalum capacitors at -55 °C. Packaged in a robust stainless steel case
capable of withstanding 80g’s, it replaces 3 or more axial wet tantalum
capacitors in parallel. Unlike wet tantalums that require voltage derating
at temperatures above 85 °C, type MLSH capacitors are rated for full
operating voltage at 125 °C and tested to 5000 hrs at rated voltage and
temperature.
Highlights
- Hermetically sealed with no dry out
- Alternative to axial wet tantalum
- High capacitance retention @ -55 ºC
- 5000 Hr DC life test
- Up to 80g vibration
Temperature Range
–55 °C to +125 °C
Rated Voltage Range
30 Vdc to 250 Vdc
Capacitance Range
120 µF to 3200 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 mins.
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–55 ⁰C ∕ Z+25 ⁰C @120 Hz
≤10 (5 - 20 Vdc), ≤3 (25 - 250 Vdc)
DC Life Test
5000 h @ rated voltage at 125 °C
∆ Capacitance ±20% (<50 Vdc)
∆ Capacitance ±10% (>50 Vdc)
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
5 years @ <=40 ºC, for HRMLSH 10 years @ <=40 ºC
Capacitance 100% of limit
ESR 100% of limit
DCL ≤ 0.004 CV μA
500 h @ 125 °C
Capacitance 100% of limit
ESR 100% of limit
DCL ≤ 0.002 CV μA
Vibration
Mounting: Vibration capability is dependent upon mounting restraint.
Standard MLSH Flatpack: 80g
MIL-STD-202, Meth. 204, Condition H
Case Temperature
Ambient Temperature, No Heatsink
45 °C
55 °C
65 °C
75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
0.63
0.58
0.54
0.49
0.44
0.38
0.31
0.22
0.00
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
1.41
1.32
1.22
1.12
1.00
0.87
0.71
0.50
0.00
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz &
up
5 to 40 V
0.95
0.96
1.00
1.03
1.04
1.04
1.04
60 to 250 V 0.80
0.84
1.00
1.18
1.25
1.30
1.30


Similar Part No. - MLSH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSH CDE-MLSH Datasheet
306Kb / 6P
Aluminum Electrolytic Capacitor
MLSH112M060JK0C CDE-MLSH112M060JK0C Datasheet
306Kb / 6P
Aluminum Electrolytic Capacitor
MLSH121M250JK0C CDE-MLSH121M250JK0C Datasheet
306Kb / 6P
Aluminum Electrolytic Capacitor
MLSH161M200JK0C CDE-MLSH161M200JK0C Datasheet
306Kb / 6P
Aluminum Electrolytic Capacitor
MLSH172M050JK0C CDE-MLSH172M050JK0C Datasheet
306Kb / 6P
Aluminum Electrolytic Capacitor
More results

Similar Description - MLSH

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
62096 MICROPAC-62096 Datasheet
77Kb / 2P
Hermetically sealed
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
Cornell Dubilier Electr...
SPA CDE-SPA Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com