Electronic Components Datasheet Search
  English  ▼

X  

STA559BW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA559BW
Description  Selectable 32- to 192-kHz input sample rates
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA559BW Datasheet(HTML) 1 Page - STMicroelectronics

  STA559BW Datasheet HTML 1Page - STMicroelectronics STA559BW Datasheet HTML 2Page - STMicroelectronics STA559BW Datasheet HTML 3Page - STMicroelectronics STA559BW Datasheet HTML 4Page - STMicroelectronics STA559BW Datasheet HTML 5Page - STMicroelectronics STA559BW Datasheet HTML 6Page - STMicroelectronics STA559BW Datasheet HTML 7Page - STMicroelectronics STA559BW Datasheet HTML 8Page - STMicroelectronics STA559BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
This is information on a product in full production.
February 2014
DocID18190 Rev 2
1/67
STA559BW
5 V, 2 A, 2.1 channel high-efficiency digital audio system
Sound Terminal®
Datasheet
- production data
Features
 Wide-range supply voltage, 4.5 V to 16 V
 Three power output configurations:
– 2 channels of ternary PWM (2 x 3 W into
4
 at 5 V) + PWM output
– 2 channels of ternary PWM (2 x 3 W into
4
 at 5 V) + ternary stereo line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 0.7 W + 1 x 3 W into 4
 at 5 V)
(2 x 1.4 W + 1 x 6 W into 2
 at 5 V)
 FFX with 100-dB SNR and dynamic range
 Selectable 32- to 192-kHz input sample rates
 I²C control with selectable device address
 Digital gain/attenuation +48dB to -80dB with
0.5-dB/step resolution
 Soft volume update
 Individual channel and master gain/attenuation
 Two independent limiters/compressors
 Dynamic range compression or anti-clipping
modes
 Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
 Individual channel soft/hard mute
 Independent channel volume and DSP bypass
 2-channel I²S input data interface
 Input and output channel mapping
 Automatic invalid-input detect Mute
 Automatic zero-detect mute
 Up to 4 user-programmable biquads/channel
 Three coefficients banks for EQ presets storing
with fast recall via I²C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Selectable high- or low-bandwidth
noise-shaping topologies
 Selectable clock input ratio
 Thermal overload and short-circuit protection
embedded
 Video apps: 576 x f
S input mode supported
PowerSSO-36
with exposed pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA559BWTR
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - STA559BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BW13TR STMICROELECTRONICS-STA559BW13TR Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BWQS13TR STMICROELECTRONICS-STA559BWQS13TR Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BW STMICROELECTRONICS-STA559BW_V01 Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
More results

Similar Description - STA559BW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
9/02-Data Sheet changed from REV. A to REV. B.
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com