Electronic Components Datasheet Search
  English  ▼

X  

STHVDAC-253M Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 1 Page - STMicroelectronics

  STHVDAC-253M Datasheet HTML 1Page - STMicroelectronics STHVDAC-253M Datasheet HTML 2Page - STMicroelectronics STHVDAC-253M Datasheet HTML 3Page - STMicroelectronics STHVDAC-253M Datasheet HTML 4Page - STMicroelectronics STHVDAC-253M Datasheet HTML 5Page - STMicroelectronics STHVDAC-253M Datasheet HTML 6Page - STMicroelectronics STHVDAC-253M Datasheet HTML 7Page - STMicroelectronics STHVDAC-253M Datasheet HTML 8Page - STMicroelectronics STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
February 2014
DocID025735 Rev 1
1/27
STHVDAC-253M
Antenna tuning circuit
Datasheet
− production data
Features
• Dedicated ASIC to control BST tunable
capacitances
• Operation compliant with cellular systems
requirements
• Integrated boost converter with 3
programmable outputs (from 0 to 25 V)
• Low power consumption
• MIPI RFFE serial interface 1.8 V
• Available in WLCSP for stand-alone or SiP
module integration
• RF tunable passive implementation in mobile
phones to optimize the radiated performances
Application
• Cellular antenna tunable matching network in
multi-band GSM/WCDMA mobile phone
• Compatible with open loop antenna tuner
applications
Description
The ST BST capacitance controller
STHVDAC-253M is a high voltage digital to
analog converter (DAC), specifically designed to
control and meet the wide tuning bias voltage
requirement of the BST tunable capacitances.
It provides 3 independent high voltage outputs,
thus having the capability to control 3 different
capacitances. It is fully controlled through a RFFE
serial interface.
BST capacitances are tunable capacitances
intended for use in mobile phone application, and
dedicated to RF tunable applications. These
tunable capacitances are controlled through a
bias voltage ranging from 0 to 25 V. The
implementation of BST tunable capacitance in
mobile phones enables significant improvement
in terms of radiated performances, making the
performance almost insensitive to the external
environment.
Figure 1. Pin configuration bumps side view
Lead-free, Flip Chip
(16 bumps)
GND_BOOST
IND_BOOST
GND_DIG
VHV
VIO
DATA
SELSID
GND
AVDD
OUTB
GND
OUTA
CLK
GND_REF
RBIAS
OUTC
2
3
1
4
C
A
D
B
www.st.com


Similar Part No. - STHVDAC-253M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
More results

Similar Description - STHVDAC-253M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
Antenna tuning circuit with turbo and glide
02-Nov-2015
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Infineon Technologies A...
BGSA143GL10 INFINEON-BGSA143GL10 Datasheet
296Kb / 2P
Low Resistance Antenna Tuning Switch
Revision 2.0 2019-09-19
BGSA143ML10 INFINEON-BGSA143ML10 Datasheet
562Kb / 2P
Low Resistance Antenna Tuning Switch
Revision2.1 2019-11-29
BGSA402ML10 INFINEON-BGSA402ML10 Datasheet
387Kb / 2P
Low Resistance Antenna Tuning Shunt Switch
Revision 2.1 2019-10-25
BGSA14M2N10 INFINEON-BGSA14M2N10 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
SP005561452 INFINEON-SP005561452 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com