Electronic Components Datasheet Search
  English  ▼

X  

STHVDAC-253M Datasheet(PDF) 5 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 5 Page - STMicroelectronics

  STHVDAC-253M Datasheet HTML 1Page - STMicroelectronics STHVDAC-253M Datasheet HTML 2Page - STMicroelectronics STHVDAC-253M Datasheet HTML 3Page - STMicroelectronics STHVDAC-253M Datasheet HTML 4Page - STMicroelectronics STHVDAC-253M Datasheet HTML 5Page - STMicroelectronics STHVDAC-253M Datasheet HTML 6Page - STMicroelectronics STHVDAC-253M Datasheet HTML 7Page - STMicroelectronics STHVDAC-253M Datasheet HTML 8Page - STMicroelectronics STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DocID025735 Rev 1
5/27
STHVDAC-253M
Electrical characteristics
27
Table 4. DC characteristics
Conditions: AVDD 3.3 V, VIO from 1.65 to 1.95 V, Tamb from -30 °C to +85 °C, LBOOST = 15 µH
unless otherwise specified
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ILBOOST
Boost inductor supply
current:
L = 15 µA
AVDD = 3.3 V
Low power mode or shutdown
0.3
µA
ILBOOST_SS2
Active mode, 1 output
steady state 2 V
130
Active mode, 3outputs
steady state 2 V
300
570
ILBOOST_SS20
Active mode, 1 output
steady state 20 V
150
Active mode, 3outputs
steady state 20 V
370
750
IAVDD
AVDD supply current
AVDD = 3.3 V
Low power mode or shutdown
1.35
4
µA
IAVDD_SS2
Active mode, 1 output
steady state 2 V
590
670
Active mode, 3outputs
steady state 2 V
700
780
IAVDD_SS2
Active mode, 1 output
steady state 20 V
590
670
Active mode, 3outputs
steady state 20 V
700
780
Ivio
Vdig supply current
Low power mode
1.8
4
µA
Active mode: (3 outputs active)
No activity on CLK, VIO = 1.8 V
FCLK = 13 MHz
FCLK = 26 MHz
27
40
315
585
IIH
Input current logic level
high
DATA, CLK, SELSID pins
-1
1
µA
IIL
Input current logic level
LOW
DATA, CLK , SELSID pins
-1
1
µA
VIORST VIO low threshold
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com