Electronic Components Datasheet Search
  English  ▼

X  

MMG2001R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMG2001R2
Description  GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMG2001R2 Datasheet(HTML) 4 Page - Motorola, Inc

  MMG2001R2 Datasheet HTML 1Page - Motorola, Inc MMG2001R2 Datasheet HTML 2Page - Motorola, Inc MMG2001R2 Datasheet HTML 3Page - Motorola, Inc MMG2001R2 Datasheet HTML 4Page - Motorola, Inc MMG2001R2 Datasheet HTML 5Page - Motorola, Inc MMG2001R2 Datasheet HTML 6Page - Motorola, Inc MMG2001R2 Datasheet HTML 7Page - Motorola, Inc MMG2001R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMG2001R2
4
MOTOROLA RF DEVICE DATA
C3
Figure 2. MMG2001R2 50–870 MHz Test Circuit Component Layout
B
C
MMG2001R2
Rev 0
R2
GND
Not
Active
+24 V
D3
R4
R3
D1
R1
C2
C1
C4
R10
R18
C7
R13
C8
R14
C10
R17
D2
R9
R16
R15
R5
R6
R7
C5
C6
R11
C11
C9
T2
T1
Q1
Q2
T3
R8
R12
T1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com