Electronic Components Datasheet Search
  English  ▼

X  

MMG2001R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMG2001R2
Description  GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMG2001R2 Datasheet(HTML) 1 Page - Motorola, Inc

  MMG2001R2 Datasheet HTML 1Page - Motorola, Inc MMG2001R2 Datasheet HTML 2Page - Motorola, Inc MMG2001R2 Datasheet HTML 3Page - Motorola, Inc MMG2001R2 Datasheet HTML 4Page - Motorola, Inc MMG2001R2 Datasheet HTML 5Page - Motorola, Inc MMG2001R2 Datasheet HTML 6Page - Motorola, Inc MMG2001R2 Datasheet HTML 7Page - Motorola, Inc MMG2001R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MMG2001R2
MOTOROLA RF DEVICE DATA
The RF Line
Gallium Arsenide
CATV Integrated Amplifier Module
Features
• Specified for 79–, 112– and 132–Channel Loading
• Excellent Distortion Performance
• Higher Output Capability
• Built–in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
• In Tape and Reel. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Output Stage Amplifier in Optical Nodes, Line Extenders and Trunk
Distribution Amplifiers for CATV Systems
• Driver Amplifier in Linear General Purpose Applications
Description
• 24 Vdc Supply, 40 to 870 MHz, CATV Integrated Forward Power Doubler
Amplifier Module
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+70
dBmV
DC Supply Voltage
VCC
+26
Vdc
Operating Case Temperature Range
TC
–20 to +100
°C
Storage Temperature Range
Tstg
–40 to +100
°C
NOTE: MMG2001R2 Moisture Sensitivity Level (MSL) = 3.
Order this document
by MMG2001R2/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMG2001R2
CASE 978–03
PFP–16
870 MHz
19.5 dB GAIN
132–CHANNEL
CATV INTEGRATED AMPLIFIER
MODULE
16
1
Motorola, Inc. 2003
PIN CONNECTIONS
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
N.C.
N.C.
VG1
VS1
VC
VS2
VG2
N.C.
N.C.
VD3
N.C.
VGC
N.C.
VD4
N.C.
N.C.
Q1
Q2
RS1
RS2
RG3
RG4
Q3
Q4
Pin 15
Pin 13
Pin 11
Pin 3
Pin 5
Pin 7
Pin 6
Pin 4
Functional Diagram
REV 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMG2001R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG2001T1 FREESCALE-MMG2001T1 Datasheet
147Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
More results

Similar Description - MMG2001R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
Gallium Arsenide CATV Amplifier Module
MMG1001R2 MOTOROLA-MMG1001R2 Datasheet
312Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MMG1001NT1 FREESCALE-MMG1001NT1 Datasheet
139Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
MMG1001R2 FREESCALE-MMG1001R2 Datasheet
139Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001T1 FREESCALE-MMG2001T1 Datasheet
147Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
NXP Semiconductors
MMG1001NT1 NXP-MMG1001NT1 Datasheet
181Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
Rev. 8, 3/2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com