Electronic Components Datasheet Search
  English  ▼

X  

STOD14 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD14
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD14 Datasheet HTML 11Page - STMicroelectronics STOD14 Datasheet HTML 12Page - STMicroelectronics STOD14 Datasheet HTML 13Page - STMicroelectronics STOD14 Datasheet HTML 14Page - STMicroelectronics STOD14 Datasheet HTML 15Page - STMicroelectronics STOD14 Datasheet HTML 16Page - STMicroelectronics STOD14 Datasheet HTML 17Page - STMicroelectronics STOD14 Datasheet HTML 18Page - STMicroelectronics STOD14 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
STOD14
Detailed description
Doc ID 023562 Rev 1
15/22
stages of the device are turned off. This status is maintained avoiding current flowing to the
load. A new enable transition is needed to restart the device. The short-circuit protection is
active during startup.
7.11
S-WIRE protocol description
Protocol to digitally communicate over a single cable with single-wire components.
Features and benefits
●
Fully digital signal
●
No handshake needed
●
Protection against glitches and spikes though an internal low-pass filter acting on both
rising and falling edges
●
Uses a single-wire (plus analog ground) to accomplish both communication and power
control transmission
●
Simple design with an interface protocol that supplies control and signaling over a
single-wire connection to set the output voltages.
S-WIRE protocol
●
Single-wire protocol uses conventional CMOS/TTL logic levels (maximum 0.6 V for
logic “zero” and a minimum 1.2 V for the logic “one”) with operation specified over a
supply voltage range of 2.5 V to 4.5 V
●
Both master (MCU) and slave (this device) are configured to permit bit sequential data
to flow only in one direction at a time; master initiates and controls the device
●
Data is bit-sequential with a START bit and a STOP bit
●
Signal is transferred in real time
●
System clock is not required; each single-wire pulse is self-clocked by the oscillator
integrated in the master and asserted valid within a frequency range of 250 kHz
(maximum).
S-WIRE basic operations
The negative output voltage levels are selectable within a wide range (steps of 100 mV). The
device can be enabled / disabled via S-WIRE in combination with the Enable pin.
7.12
Enable and S-WIRE operation
Both S-WIRE and Enable pins can be used to switch on and off the device. Table 8 describes
functionality for all combinations.
Table 8.
EN and S-WIRE operation table
EN
SWIRE
Action
Low
Low
Device off
Low
High
Negative output voltage set by S-WIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com