Electronic Components Datasheet Search
  English  ▼

X  

STOD14PUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STOD14PUR
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR Datasheet(HTML) 3 Page - STMicroelectronics

  STOD14PUR Datasheet HTML 1Page - STMicroelectronics STOD14PUR Datasheet HTML 2Page - STMicroelectronics STOD14PUR Datasheet HTML 3Page - STMicroelectronics STOD14PUR Datasheet HTML 4Page - STMicroelectronics STOD14PUR Datasheet HTML 5Page - STMicroelectronics STOD14PUR Datasheet HTML 6Page - STMicroelectronics STOD14PUR Datasheet HTML 7Page - STMicroelectronics STOD14PUR Datasheet HTML 8Page - STMicroelectronics STOD14PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STOD14
Schematic
Doc ID 023562 Rev 1
3/22
1
Schematic
Figure 1.
Application schematic
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components.
Table 2.
Typical external components
Description
Manufacturer
Part number
Value
Size
Ratings
L1
Coilcraft
LPS4012-472MLB
4.7 µH
4 x 4 x 1.2
1.6 A / 1.8 A (1)
L2
Coilcraft
LPS4012-472MLB
4.7 µH
4 x 4 x 1.2
1.6 A / 1.8 A (1)
CINA
Murata
GRM21BR61C106KE15L
10 µF
0805
X5R, 16 V
CINP
Murata
2x GRM21BR61C106KE15L
2x 10 µF (2)
0805
X5R, 16 V
CO1
Murata
2x GRM21BR61C106KE15L
2x 10 µF
0805
X5R, 16 V
CO2
Murata
2x GRM21BR61C106KE15L
2x 10 µF
0805
X5R, 16 V
CREF
Murata
GRM185R60J105KE26D
1.0 µF
0603
X5R, 6.3 V
1.
ISAT 10% drop / 30% drop.
2.
Doubled CINP useful at low temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com