Electronic Components Datasheet Search
  English  ▼

X  

STOD14PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD14PUR
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR Datasheet(HTML) 5 Page - STMicroelectronics

  STOD14PUR Datasheet HTML 1Page - STMicroelectronics STOD14PUR Datasheet HTML 2Page - STMicroelectronics STOD14PUR Datasheet HTML 3Page - STMicroelectronics STOD14PUR Datasheet HTML 4Page - STMicroelectronics STOD14PUR Datasheet HTML 5Page - STMicroelectronics STOD14PUR Datasheet HTML 6Page - STMicroelectronics STOD14PUR Datasheet HTML 7Page - STMicroelectronics STOD14PUR Datasheet HTML 8Page - STMicroelectronics STOD14PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STOD14
Pin configuration
Doc ID 023562 Rev 1
5/22
2
Pin configuration
Figure 3.
Pin configuration (top view)
Table 3.
Pin description
Symbol
Pin
Description
VO2
1
Inverting converter output voltage (negative)
LX2
2
Switching node of the inverting converter
VinIV
3
Power input supply voltage for inverting converter
VinBK
4
Power input supply voltage for step-down converter
LX1
5
Switching node of the step-down converter
PGND
6
Power ground pin
VO1
7
Step-down converter output voltage (positive)
AGND
8
Signal ground pin. This pin must be connected to power ground pin
SWIRE
9S-WIRE pin
VinA
10
Analog input supply voltage
EN
11
Enable control pin. ON = HIGH. When pulled low, puts the device
into shutdown mode
VREF
12
Voltage reference output. Connect 1 µF bypass capacitor between
this pin and AGND
EXPOSED PAD
Exposed pad must be connected to AGND and PGND in the PCB
layout in order to guarantee proper operation of the device.
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com