Electronic Components Datasheet Search
  English  ▼

X  

MP7611 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7611
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7611 Datasheet HTML 2Page - Exar Corporation MP7611 Datasheet HTML 3Page - Exar Corporation MP7611 Datasheet HTML 4Page - Exar Corporation MP7611 Datasheet HTML 5Page - Exar Corporation MP7611 Datasheet HTML 6Page - Exar Corporation MP7611 Datasheet HTML 7Page - Exar Corporation MP7611 Datasheet HTML 8Page - Exar Corporation MP7611 Datasheet HTML 9Page - Exar Corporation MP7611 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP7611
6
Rev. 3.01
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS (CONT’D)
Specifications are subject to change without notice
NOTES:
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
DIGITAL TIMING
SPECIFICATIONS1, 4 (CONT’D)
RD Pulse Width
tRD
600
ns
High Z to Data Valid for Readback
tDA
600
ns
Data Valid for Readback to High Z
tDR
200
ns
R1 Pulse Width
tR1W
100
ns
R2 Pulse Width
tR2W
100
ns
1
Guaranteed; not tested.
2
Specified values guarantee functionality.
3
Digital inputs should not go below digital GND or exceed DVDD supply voltage.
4
See Figures 1, 2 and 3. All digital input signals are specified with tR = tF = 10 ns 10% to 90% and timed from a 50% voltage level.
5
For power supply values < ¦2£VREF, the output swing is limited as specified in Analog Outputs.
6
Digital feedthrough and channel-to-channel crosstalk are heavily dependent on the board layout and environment.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VCC to AGND
+16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE to AGND
--16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD to DGND
+6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
VREF to DGND
+7.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Outputs & Inputs
Infinite Shorts to VCC, VEE, DVDD, AGND and DGND
(provided that power dissipation of the package spec is
not exceeded)
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality guaranteed for ¦0.5 V only)
Digital Input & Digital Output Voltage to:
DVDD
+.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGND
--.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
Extended Industrial
--40°C to +85°C
. . . . . . . . . . . . . . .
Military
--55°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature
150°C
. . . . . . . . . . . .
Storage Temperature Range
--65°C to +150°C
. . . . . .
Lead Temperature (Soldering, 10 sec)
+300°C
. . . . .
Package Power Dissipation Rating to 75°C
PQFP, PGA, PLCC
800mW
. . . . . . . . . . . . . . . . . .
Derates above 75°C
11mW/°C
. . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies. All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100ms.
APPLICATION NOTES
NOTE: When using these DACs to drive remote devices, the accuracy of the output can be improved by utilizing a remote analog
ground connection. The difference between the DGND and AGND should be limited to ¦300 mV to assure normal operation. If there
is any chance that the AGND to DGND can be greater than ¦1 V, we recommend two back-to-back diodes be used between DGND
and AGND to clamp the voltage and prevent damage to the DAC. Using a buffer between the remote ground location and AGND may
help reduce noise induced from long lead or trace lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com