Electronic Components Datasheet Search
  English  ▼

X  

MP7611 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7611
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611 Datasheet(HTML) 1 Page - Exar Corporation

  MP7611 Datasheet HTML 1Page - Exar Corporation MP7611 Datasheet HTML 2Page - Exar Corporation MP7611 Datasheet HTML 3Page - Exar Corporation MP7611 Datasheet HTML 4Page - Exar Corporation MP7611 Datasheet HTML 5Page - Exar Corporation MP7611 Datasheet HTML 6Page - Exar Corporation MP7611 Datasheet HTML 7Page - Exar Corporation MP7611 Datasheet HTML 8Page - Exar Corporation MP7611 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP7611
Rev. 3.01
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z (510) 668-7017
E
1998
FEATURES
· Eight Independent Channel 14-Bit DACs with
Output Amplifiers
· Low Power 320 mW (typ.)
· Parallel Digital Data and Address Port
· Double Buffered Data Interface
· Readback of DAC Latches
· Zero Volt Output Preset (Data = 10 .. 00)
· 14-Bit Resolution, 12-Bit Accuracy
· Extremely Well Matched DACs
· Extremely Low Analog Ground Current (<60mA/Channel)
· +10 V Output Swing with +11.4 V Supplies
Octal 14-Bit DAC ArrayTM
D/A Converter with Output Amplifier
and Parallel Data/Address mP Control Logic
· Rugged Construction -- Latch-Up Free
· Serial Version: MP7610
APPLICATIONS
· Data Acquisition Systems
· ATE
· Process Control
· Self-Diagnostic Systems
· Logic Analyzers
· Digital Storage Scopes
· PC Based Controller/DAS
June 1998-3
GENERAL DESCRIPTION
The MP7611 provides eight independent 14-bit resolution
Digital-to-Analog Converters with voltage output
amplifiers and a parallel digital address and data port.
Built using an advanced linear BiCMOS, these devices
offer rugged solutions that are latch-up free, and take
advantage of EXAR’s patented thin-film resistor process
which exhibits excellent long term stability and reliability.
A standard m-processor and TTL/CMOS compatible
14-bit input data port loads the data into the pre-selected
DACS.
This device can easily be interfaced to a data bus, and
digital readback of each channel is available.
Typical DAC matching for C grade versions is 1.5 LSB
across all codes. The output amplifier is capable of
sinking and sourcing 5mA, and the output voltage settles
to 12-bits in less than 30ms (typ.).
ORDERING INFORMATION
Package
Type
Temperature
Range
INL
(LSB)
Part No.
PQFP
--40 to +85
°C
MP7611AE
¦8
PQFP
--40 to +85
°C
MP7611BE
¦4
Res.
(Bits)
14
14
DNL
(LSB)
¦4
¦3
FSE
(LSB)
¦32
¦24
PLCC
--40 to +85
°C
MP7611AP
¦8
PLCC
--40 to +85
°C
MP7611BP
¦4
14
14
¦4
¦3
¦32
¦24
PQFP
0 to +70
°C
MP7611CE
¦2
14
¦2
¦16
PLCC
0 to +70
°C
MP7611CP
¦2
14
¦2
¦16


Similar Part No. - MP7611

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results

Similar Description - MP7611

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7613 EXAR-MP7613 Datasheet
219Kb / 16P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7841BSZ AD-AD7841BSZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com