Electronic Components Datasheet Search
  English  ▼

X  

LG-020URL Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LG-020URL
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020URL Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LG-020URL Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page5/11
PART NO. LG-020URL
Typical Electro-Optical Characteristics Curve
Fig.6 Directive Radiation
0°
30°
60°
-30°
-60°
25%
100%
0
25%
50%
75%
75% 100%
50%
0.0
0.8
Wavelength (nm)
Ambient Temperature(℃)
Fig.5 Relative Intensity vs. Wavelength
1.0
0.0
600
0.5
-40
-20
650
700
750
-40
80
20
0
40
60
100
Ambient Temperature(℃)
-20
0
40
20
100
80
60
1
Fig.3 Forward Voltage vs. Temperature
0.9
1.0
1.1
1.2
0 1
1.0
1.0
0.5
1.5
2.0
2.5
3.0
1
Fig.4 Relative Intensity vs. Temperature
Forward Voltage(V)
3.0
2.0
4.0
0.0
5.0
0.5
Forward Current(mA)
100
10
1000
Fig.1 Forward current vs. Forward Voltage
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
2.5
1.5
1.0
2.0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com