Electronic Components Datasheet Search
  English  ▼

X  

LG-020URL Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LG-020URL
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020URL Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LG-020URL Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-020URL Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2.When soldering,do not put stress on the LEDs during heating.
1.Reflow soldering should not be done more than two times.
3.After soldering,do not warp the circuit board.
Note:
Above 220°C
60 sec.Max.
3 PB-Free Reflow Solder
Preheat
180~200°C
120 sec.Max.
1~5°C/sec
1~5°C/sec
1. Hand Solder
Basic spec is ≦ 320℃ 3 sec one time only.
260°C MaX. 10sec.Max
6°C/sec
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Recommended Soldering Conditions
Page 9/11
PART NO. LG-020URL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com