Electronic Components Datasheet Search
  English  ▼

X  

OPA511AM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA511AM
Description  High Current-High Power OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA511AM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA511AM Datasheet HTML 1Page - Burr-Brown (TI) OPA511AM Datasheet HTML 2Page - Burr-Brown (TI) OPA511AM Datasheet HTML 3Page - Burr-Brown (TI) OPA511AM Datasheet HTML 4Page - Burr-Brown (TI) OPA511AM Datasheet HTML 5Page - Burr-Brown (TI) OPA511AM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
OPA511
2
NOTES: (1) +V
S
and –V
S denote
the positive and negative supply voltage respectively. Total V
S
is measured from +V
S
to –V
S.
(2) SOA = Safe Operating Area.
(3) Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
INPUT
OFFSET VOLTAGE
Initial Offset
±5
±10
mV
vs Temperature
Full Temperature Range
±10
±65
µV/°C
vs Supply Voltage
±35
±200
µV/V
vs Power
±20
µV/W
BIAS CURRENT
Initial
±15
±40
nA
vs Temperature
Full Temperature Range
±0.05
±0.4
nA/
°C
vs Supply voltage
±0.02
nA/V
OFFSET CURRENT
Initial
±5
±10
nA
vs Temperature
Full Temperature Range
±0.01
nA/
°C
INPUT IMPEDANCE
Common Mode
200
M
Ω
Differential
10
M
Ω
VOLTAGE RANGE (1)
Common-Mode Voltage
Full Temperature Range
±(|V
S
| – 6)
±(|V
S| – 3)
V
Common-Mode Rejection
V
CM = VS – 6V
70
110
dB
GAIN
Open-Loop Gain at 10Hz
Full Temperature Range, full load
91
113
dB
Gain-Bandwidth Product at 1MHz
T
C = +25
°C, full load
1
MHz
Power Bandwidth
T
C = +25
°C, I
O = 4A, VO = 40Vp-p
15
23
kHz
Phase Margin
Full Temperature Range
45
Degrees
OUTPUT
Voltage Swing
I
O = 5A
± (|V
S| – 8)
±(|V
S| – 5)
V
Full Temperature Range, I
O = 2A
±(|V
S| – 6)
±(|V
S| – 5)
V
Full Temperature Range, I
O = 56mA
±(|V
S| – 5)
V
Current, Peak
±5A
Settling Time to 0.1%
2V step
2
µs
Slew Rate
R
L = 2.5
Ω±1.0
1.8
V/
µs
Capacitive Load: Unity Gain
Full Temperature Range
3.3
nF
Gain>4
Full Temperature Range
SOA(2)
POWER SUPPLY
Voltage
Full Temperature Range
±10
±28
±30
V
Current, Quiescent
20
30
mA
THERMAL RESISTANCE
AC Junction to Case (3)
f > 60Hz
1.9
2.1
°C/W
DC Junction to Case
f > 60Hz
2.4
2.6
°C/W
Junction to Air
30
°C/W
TEMPERATURE RANGE
Case
–25
+85
°C
OPA511AM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At T
C =
+25
°C and V
S = ±28VDC unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com