Electronic Components Datasheet Search
  English  ▼

X  

OPA511AM Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA511AM
Description  High Current-High Power OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA511AM Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA511AM Datasheet HTML 1Page - Burr-Brown (TI) OPA511AM Datasheet HTML 2Page - Burr-Brown (TI) OPA511AM Datasheet HTML 3Page - Burr-Brown (TI) OPA511AM Datasheet HTML 4Page - Burr-Brown (TI) OPA511AM Datasheet HTML 5Page - Burr-Brown (TI) OPA511AM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
High Current—High Power
OPERATIONAL AMPLIFIER
FEATURES
APPLICATIONS
© 1985 Burr-Brown Corporation
PDS-599A
Printed in U.S.A. December, 1993
OPA511
DESCRIPTION
q WIDE SUPPLY RANGE:
±10V to ±30V
q SERVO AMPLIFIER
q HIGH OUTPUT CURRENT: 5A Peak
q MOTOR DRIVER
q CLASS A/B OUTPUT STAGE:
q SYNCRO EXCITATION
Low Distortion
q AUDIO AMPLIFIER
q SMALL TO-3 PACKAGE
q TEST PIN DRIVER
Out
R
CL+
R
CL–
8
1
2
Current
Limit
Bias
Circuit
4
6
–V
S
3
–V
S
5
providing excellent low-level signal fidelity and
high output voltage swing. The reduced internal parts
count made possible with this
bias IC improves
performance and reliability.
This hybrid integrated circuit is housed in a hermeti-
cally sealed TO-3 package and all circuitry is electri-
cally isolated from the case. This allows direct mount-
ing to a chassis or heat sink without cumbersome
insulating hardware and provides optimum heat trans-
fer.
The OPA511 is a high voltage, high current opera-
tional amplifier designed to drive a wide variety of
resistive and reactive loads. Its complementary class
A/B output stage provides superior performance in
applications requiring freedom from cross-over
distortion. User-set current limit circuitry provides
protection to the amplifier and load in fault conditions.
The OPA511 employs a laser-trimmed monolithic
integrated circuit to bias the output transistors,
®


Similar Part No. - OPA511AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA512 BURR-BROWN-OPA512 Datasheet
62Kb / 6P
Very-High Current.High Power OPERATIONAL AMPLIFIER
OPA512BM BURR-BROWN-OPA512BM Datasheet
62Kb / 6P
Very-High Current.High Power OPERATIONAL AMPLIFIER
OPA512SM BURR-BROWN-OPA512SM Datasheet
62Kb / 6P
Very-High Current.High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA511AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA501 BURR-BROWN-OPA501 Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
High Current, High Power OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA561 TI-OPA561 Datasheet
545Kb / 16P
High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA541SK ETC-OMA541SK Datasheet
59Kb / 4P
HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER
OMA8201SF ETC-OMA8201SF Datasheet
18Kb / 2P
DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com