Electronic Components Datasheet Search
  English  ▼

X  

ESDALC8-1BF4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC8-1BF4
Description  Low clamping single line bidirectional ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC8-1BF4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC8-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
April 2014
DocID025043 Rev 1
1/10
ESDALC8-1BF4
Low clamping single line bidirectional ESD protection
Datasheet
− production data
Figure 1. Functional diagram
Features
• Low clamping voltage: 16 V (IEC 61000-4-2
contact discharge 8 kV at 30 ns)
• Bidirectional device
• Low leakage current
• 0201 package
• Ultra small PCB area: 0.18 mm2
• ECOPACK®2 compliant component
Complies with the following standards
• IEC 61000-4-2:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Applications
Where transient over voltage protection in ESD
sensitive equipment is required, such as:
• Smartphones, mobile phones and accessories
• Tablet, PC, netbooks and notebooks
• Portable multimedia devices and accessories
• Digital cameras and camcorders
• Communication and highly integrated systems
Description
The ESDALC8-1BF4 is a bidirectional single line
TVS diode designed to protect the data line or
other I/O ports against ESD transients.
The device is ideal for applications where both
board space saving and high protection efficiency
are required. Thanks to the strong IPP capability,
this diode can also be used as a Vbus protection.
0201 package
www.st.com


Similar Part No. - ESDALC8-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC12-1T2 STMICROELECTRONICS-ESDALC12-1T2 Datasheet
211Kb / 11P
Single line transient surge voltage suppressor (TVS) for data and power line
13-Jun-2012
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
More results

Similar Description - ESDALC8-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
15-Oct-2015
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
Low clamping and ultra low capacitance single line bidirectional ESD protection
03-Jun-2014
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
30-Nov-2016
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
ESD051-1BF4 STMICROELECTRONICS-ESD051-1BF4 Datasheet
420Kb / 10P
5 V low clamping single line bidirectional ESD protection
29-Apr-2021
ESDL031-1BF4 STMICROELECTRONICS-ESDL031-1BF4 Datasheet
449Kb / 11P
3.3 V ultra-low clamping single line bidirectional ESD protection
24-Sep-2019
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
20 V low clamping, low capacitance single line bidirectional ESD protection
07-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com