Electronic Components Datasheet Search
  English  ▼

X  

ESDALC8-1BF4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC8-1BF4
Description  Low clamping single line bidirectional ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC8-1BF4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC8-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDALC8-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID025043 Rev 1
3/10
ESDALC8-1BF4
Characteristics
10
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Junction capacitance versus applied
voltage (typical values)
Tj °C
()
IR ( nA)
0.1
1
10
100
25
50
75
100
125
150
V = V
= 9 V
RRM
direct and 6 V reverse
reverse
direct
C(pF)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0123456
F = 1 MHz
Vosc = 30 mV
direct and reverse
VV
R ()
T = 25 °C
j
Figure 5. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
5 V/div
15 V
4
VCL: Peak clamping voltage
VCL :clamping voltage at 30 ns
VCL :clamping voltage at 60 ns
VCL :clamping voltage at 100 ns
1
2
3
4
34 V
1
21 V
2
18 V
3
2
20 ns/div
5 V/div
20 ns/div
-3 V
4
-29 V
1
-13
-16 V
3
2
VCL: Peak clamping voltage
VCL :clamping voltage at 30 ns
VCL :clamping voltage at 60 ns
VCL :clamping voltage at 100 ns
1
2
3
4
Figure 7. Dynamic resistance
Figure 8. S21 attenuation result measurements
IPP (A)
0
5
10
15
20
25
0
5
10
15
20
25
Positive
polarity
Negative
polarity
V
(V)
CL
100k
1M
10M
100M
1G
10G
-39
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
ESDALC8-1BF4
S21 (dB)
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com