Electronic Components Datasheet Search
  English  ▼

X  

ESDALC25-2BP5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC25-2BP5
Description  Low capacitance TRANSIL™ array for ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC25-2BP5 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC25-2BP5 Datasheet HTML 1Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 2Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 3Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 4Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 5Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev 1
December 2005
1/6
6
ESDALC14V2-2BP5
ESDALC25-2BP5
Low capacitance TRANSIL™ array for ESD protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems such as xDSL
modem
■ Video equipment
This
device
is
particularly
adapted
to
the
protection of symmetrical systems
Features
■ 2 Bidirectional Transil functions
■ Breakdown voltage:
VBR = 14.2 V and 25 V minimum
■ Low leakage current: < 1 µA
■ Low diode capacitance: 14 and 8 pF at 3 V
■ Very small PCB area < 2.6 mm2
Description
The ESDALCxx-2BP5 is a monolithic array
designed to protect up to 2 lines against ESD
transients.
The device is ideal for situations where board
space saving is required.
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Order codes
ESDALCxx-2BP5 Functional diagram
Complies with the following standards
IEC61000-4-2
MIL STD 883E - Method 3015-7 Class 3
TM: TRANSIL is a trademark of STMicroelectronics
Part Number
Marking
ESDALC14V2-2BP5
A3
ESDALC25-2BP5
A4
Level 4
15 kV (air discharge)
8 kV(contact discharge)
25 kV HBM (Human Body Model)
SOT665
(Jedec SC89-5L)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ESDALC25-2BP5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
More results

Similar Description - ESDALC25-2BP5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
327Kb / 8P
Dual low capacitance TRANSIL??array for ESD protection
2006-Jun-16
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDAVLC8-4BN4 STMICROELECTRONICS-ESDAVLC8-4BN4 Datasheet
352Kb / 10P
4-line very low capacitance Transil??array for ESD protection
March 2014 Rev 3
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com