Electronic Components Datasheet Search
  English  ▼

X  

ESDALC25-2BP5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC25-2BP5
Description  Low capacitance TRANSIL™ array for ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC25-2BP5 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC25-2BP5 Datasheet HTML 1Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 2Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 3Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 4Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 5Page - STMicroelectronics ESDALC25-2BP5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
2 Ordering information scheme
ESDALC14V2-2BP5 / ESDALC25-2BP5
4/6
2
Ordering information scheme
3
Package mechanical data
3.1
SOT665 package
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.50
0.60
0.020
0.024
bp
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.060
0.067
E
1.10
1.30
0.043
0.051
e
1.00
0.040
e1
0.50
0.020
He
1.50
1.70
0.059
0.067
Lp
0.10
0.30
0.004
0.012
ESDA LC XX - 2 B P5
ESD Array
Low capacitance
Breakdown voltage
Number of Transil functions
Type
Package
B = Bidirectional
P5 = SOT665
D
bp
e1
e
E
Lp
He
A
U
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com