Electronic Components Datasheet Search
  English  ▼

X  

MSI6000 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MSI6000
Description  11-Channel Level Shifter with Gate Voltage Shaping and Discharge Functions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI6000 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MSI6000 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Confidential
Datasheet Version 1.1
June 2016. Revision 1.1
MagnaChip Semiconductor Ltd.
1
General Description
The MSI6000 is a level shifter IC with 11-channel
intended for use in LCD Display application such as
Note-book.
The device converts signal from logic-level generated by
T-CON to the high voltage level used by the display panel.
6 channels Level shifter support gate voltage Shaping,
which can be used to improve picture quality by
reducing image sticking.
Operational Diagram
Control
Logic
ON_CLK
OFF_CLK
Level Shifter
x 6
Gate
Pulse
Modulation
Level Shifter
x 3
Level Shifter
x 2
GST
ALL-H
Backplane Thermal Pad
VGH
GCLK1
GCLK2
GCLK3
GCLK4
GCLK5
GCLK6
RE
VST
DSCH
EVEN
DRST
VGL
TDRST(E/O)
GND
AVDD
Bias & UVLO
VIN
NC
TBRST
BRST
Always VGL
Figure 1) Block Diagram
MSI6000
11-ChannelLevelShifterwithGateVoltageShapingandDischargeFunctions
General Description
The MAP6503 consists of a high performance step-up
switching regulator, a high performance step-down switching
regulator, a high performance charge pump, a high-speed
operational amplifier and 16 channel level shifter. The device
is optimized for AMOLED application.
Afa
Application
Tablet PCs
www.magnachip.com.
Features
▫ 11-Channel level shifter support 6 x GLK, VST, BRST,
DSCH, DRST, and EVEN Signals
▫ VGH level up to 37.5V
▫ VGL Level down to -15V
▫ Panel DISCHARGE Function
▫ Suitable for 6-Phase Applications
▫ Gate Voltage Shaping on Channels 1 to 6 channels
▫ 24-Pin 4x4 mm QFN Package
Application
▫ LCD Note-Book Panels


Similar Part No. - MSI6000

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MSI10A DBLECTRO-MSI10A Datasheet
1Mb / 7P
Mylar Speaker
logo
Shenzhen Meipusen Semic...
MSI120N08G MAPLESMI-MSI120N08G Datasheet
871Kb / 6P
80V N-Channel MOSFET
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1225H MECHATRONICS-MSI1225H Datasheet
500Kb / 1P
DC IMPELLERS
MSI1380 MECHATRONICS-MSI1380 Datasheet
591Kb / 1P
DC IMPELLERS
More results

Similar Description - MSI6000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
logo
Dialog Semiconductor
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
logo
Silicon Mitus, Inc.
SM4804 SILICONMITUS-SM4804 Datasheet
149Kb / 1P
TV LCD Panel Multi-Channel high voltage Level-Shifter with Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com