Electronic Components Datasheet Search
  English  ▼

X  

BAS40W Datasheet(PDF) 5 Page - WILLAS ELECTRONIC CORP

Part # BAS40W
Description  150mW Plastic-Encapsulate Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS40W Datasheet(HTML) 5 Page - WILLAS ELECTRONIC CORP

  BAS40W Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
Ordering Information: 
Device PN 
Packing 
Part Number ‐T
(1)G(2)‐WS 
Tape&Reel: 3 Kpcs/Reel 
Note: (1)
 Packing code, Tape & Reel Packing 
(2) RoHS product for packing code suffix ”G”;Halogen free product for packing code suffix “H” 
         
 
 
 
***Disclaimer***
 
WILLAS reserves the right to make changes without notice to any product 
specification herein, to make corrections, modifications, enhancements or other 
changes. WILLAS or anyone on its behalf assumes no responsibility or liability 
for any errors or inaccuracies. Data sheet specifications and its information 
contained are intended to provide a product description only. "Typical" parameters 
which may be included on WILLAS data sheets and/ or specifications can 
and do vary in different applications and actual performance may vary over time. 
WILLAS does not assume any liability arising out of the application or 
use of any product or circuit. 
 
WILLAS products are not designed, intended or authorized for use in medical, 
life‐saving implant or other applications intended for life‐sustaining or other related 
applications where a failure or malfunction of component or circuitry may directly 
or indirectly cause injury or threaten a life without expressed written approval 
of WILLAS. Customers using or selling WILLAS components for use in 
such applications do so at their own risk and shall agree to fully indemnify WILLAS 
Inc and its subsidiaries harmless against all claims, damages and expenditures
. 
 
 
2014.11
www.willas.com.tw
Rev. J04
THRU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com