Electronic Components Datasheet Search
  English  ▼

X  

BAS40W Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAS40W
Description  150mW Plastic-Encapsulate Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS40W Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS40W Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BAS40W Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
40
V
Forward continuous current
IFM
200
mA
Power dissipation
PD
150
mW
Thermal resistance junction to ambient
RθJA
667
℃/W
Operating temperature
TJ
-55~+125
℃
Storage temperature range
TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 10μA
40
V
Reverse voltage leakage current
IR
VR=30V
200
nA
Forward voltage
VF
IF=1mA
IF=40mA
380
1000
mV
Diode capacitance
CD
VR=0,f=1MHz
5
pF
Reverse recovery time
t r r
Irr=1mA, IR=IF=10mA
RL=100Ω
5
ns
SOT-
PACKAGE
PRIMARY CHARACTERISTICS
PD
150mW
IF
1mA
VRRM
40V
VF
380mV
TJ Max
150℃
FEATURES
MECHANICAL DATA
Low Forward Voltage Drop
Fast Switching
2014.11
www.willas.com.tw
Rev. J04
Case:Molded plastic,SOT-323
Polarity:Shown above
Terminals :Plated terminals,
solderable per MIL-STD-750,Method
2026
Epoxy : UL94-V0 rated flame
retardant
THRU
Moisture Sensitivity Level 1


Similar Part No. - BAS40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
logo
Siemens Semiconductor G...
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
57Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 8 - 2
logo
Weitron Technology
BAS40W WEITRON-BAS40W Datasheet
206Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
361Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 12 - 2
More results

Similar Description - BAS40W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
Schottky Diodes Plastic-Encapsulate Diodes
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS40 WILLAS-BAS40 Datasheet
584Kb / 4P
200mW Plastic-Encapsulate Schottky Barrier Diodes
BAS40WS WILLAS-BAS40WS Datasheet
827Kb / 6P
200mW Plastic-Encapsulate Schottky Barrier Diodes
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
logo
Micro Commercial Compon...
BAS40V MCC-BAS40V_14 Datasheet
280Kb / 3P
150mW Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com