Electronic Components Datasheet Search
  English  ▼

X  

SC16C750B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C750B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750B Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C750B Datasheet HTML 1Page - NXP Semiconductors SC16C750B Datasheet HTML 2Page - NXP Semiconductors SC16C750B Datasheet HTML 3Page - NXP Semiconductors SC16C750B Datasheet HTML 4Page - NXP Semiconductors SC16C750B Datasheet HTML 5Page - NXP Semiconductors SC16C750B Datasheet HTML 6Page - NXP Semiconductors SC16C750B Datasheet HTML 7Page - NXP Semiconductors SC16C750B Datasheet HTML 8Page - NXP Semiconductors SC16C750B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Philips Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Product data
Rev. 03 — 13 December 2004
4 of 44
9397 750 14453
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Pinning information
5.1 Pinning
Fig 2.
PLCC44 pin configuration.
Fig 3.
HVQFN32 pin configuration (top view).
SC16C750BIA44
002aaa589
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RCLK
RX
n.c.
TX
CS0
CS1
CS2
BAUDOUT
RESET
OUT1
DTR
RTS
OUT2
n.c.
INT
RXRDY
A0
A1
A2
002aaa949
SC16C750BIBS
(top view)
A1
CS
BAUDOUT
A0
TX
RXRDY
RX
INT
RCLK
RTS
D7
DTR
D6
OUT
D5
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com