Electronic Components Datasheet Search
  English  ▼

X  

SC16C750B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C750B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C750B Datasheet HTML 9Page - NXP Semiconductors SC16C750B Datasheet HTML 10Page - NXP Semiconductors SC16C750B Datasheet HTML 11Page - NXP Semiconductors SC16C750B Datasheet HTML 12Page - NXP Semiconductors SC16C750B Datasheet HTML 13Page - NXP Semiconductors SC16C750B Datasheet HTML 14Page - NXP Semiconductors SC16C750B Datasheet HTML 15Page - NXP Semiconductors SC16C750B Datasheet HTML 16Page - NXP Semiconductors SC16C750B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Philips Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Product data
Rev. 03 — 13 December 2004
13 of 44
9397 750 14453
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.6 DMA operation
The SC16C750B FIFO trigger level provides additional flexibility to the user for block
mode operation. The user can optionally operate the transmit and receive FIFOs in
the DMA mode (FCR[3]). The DMA mode affects the state of the RXRDY and TXRDY
output pins. Tables 6 and 7 show this.
Table 5:
Baud rates using 1.8432 MHz or 3.072 MHz crystal
Using 1.8432 MHz crystal
Using 3.072 MHz crystal
Desired
baud rate
Divisor for
16
× clock
Baud rate
error
Desired
baud rate
Divisor for
16
× clock
Baud rate
error
50
2304
50
3840
75
1536
75
2560
110
1047
0.026
110
1745
0.026
134.5
857
0.058
134.5
1428
0.034
150
768
150
1280
300
384
300
640
600
192
600
320
1200
96
1200
160
1800
64
1800
107
0.312
2000
58
0.69
2000
96
2400
48
2400
80
3600
32
3600
53
0.628
4800
24
4800
40
7200
16
7200
27
1.23
9600
12
9600
20
19200
6
19200
10
38400
3
38400
5
56000
2
2.86
Table 6:
Effect of DMA mode on state of RXRDY pin
Non-DMA mode
DMA mode
1 = FIFO empty
0-to-1 transition when FIFO empties
0 = at least 1 byte in FIFO
1-to-0 transition when FIFO reaches trigger level,
or time-out occurs
Table 7:
Effect of DMA mode on state of TXRDY pin
Non-DMA mode
DMA mode
1 = at least 1 byte in FIFO
0-to-1 transition when FIFO becomes full
0 = FIFO empty
1-to-0 transition when FIFO becomes empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com