Electronic Components Datasheet Search
  English  ▼

X  

AME Datasheet(PDF) 4 Page - CUI INC

Part # AME
Description  modular incremental encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AME Datasheet(HTML) 4 Page - CUI INC

  AME Datasheet HTML 1Page - CUI INC AME Datasheet HTML 2Page - CUI INC AME Datasheet HTML 3Page - CUI INC AME Datasheet HTML 4Page - CUI INC AME Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13.5 0.531
shaft length
SPECIFIED
A
Fax: 503-612-2383
_
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Voltage Output
Cable Code
Cable Color
Website: www.cui.com
RoHS
-
6
-
-
Grey
N.C.
5
5
B
-
White
B
4
4
White
Brown
Vcc
3
3
A
Red
Green
A
2
2
Vcc
Green
Red
0V
1
1
0V
Black
Black
Cable Code
Cable Color
Line Driver Output
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
_
B
ZRJ
4mm
BY CUI INC.
TITLE:
MM [INCHES]
3mm
AME - STANDARD BORE
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
1:1
AME - STANDARD BORE
REV:
ØD (bore size)
8mm
6.35mm
6mm
5mm
COPYRIGHT 2008
AME - MODULAR INCREMENTAL ENCODER
REV.
DESCRIPTION
DATE
A
NEW DRAWING
4/22/2008
16
16.5 0.650
SECTION A-A
1.2 0.047
13.8 0.543
0.437
11.1
4.5 0.177
(6 PLCS)
0.591
15.0
R
500.0 19.685
3.0 0.118
5.0 0.197
A
A
D
3.0 0.118
(2 PLCS)
0.079
(3 PLCS)
2.0
30.0 1.181
26.0 1.024
0.823
20.9
19.1 0.750
(41.0
)
1.614



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com