Electronic Components Datasheet Search
  English  ▼

X  

AME Datasheet(PDF) 1 Page - CUI INC

Part # AME
Description  modular incremental encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AME Datasheet(HTML) 1 Page - CUI INC

  AME Datasheet HTML 1Page - CUI INC AME Datasheet HTML 2Page - CUI INC AME Datasheet HTML 3Page - CUI INC AME Datasheet HTML 4Page - CUI INC AME Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
DESCRIPTION: modular incremental encoder
1 of 5
01/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: AME
ELECTRICAL SPECIFICATIONS
output waveform
Square wave
output signals
A, B phase
output voltage
H:
≥ 85% Vcc
L:
≤ 0.3 V
current consumption
≤ 25 mA
output phase difference
90° ± 45°
supply voltage
5 V dc
output resolution (ppr)
100, 200, 256, 360, 400, 500, 512, 1000, 1024
frequency response
20 kHz (voltage output), 50kHz (line driver output)
output current
0~5 mA
MECHANICAL SPECIFICATIONS
rotor inertia of code-wheel
6.0x10-8 kgm2
hollow shaft diameter
≤ Ø 8mm
shock resistance
980 m/s2 ,6ms, 2 times each on XYZ
vibration proof
50 m/s2 ,10~200 Hz, 2 hours each on XYZ
working life
MTBF
≥ 5000h(+25°C, 2000rpm)
weight
10g (with 0.5 meter cable)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-25° to +85° C
storage temp
-40° to +100° C
humidity
30~85% no condensation
protection
IP50
AME - XXXXX - XXXXX
K = kit (Digi-Key only):
contains encoder,
centering tool, and
Allen wrench
Bore size:
300 = 3mm
400 = 4mm
500 = 5mm
600 = 6mm
635 = 6.35mm (1/4”)
800 = 8mm
Bore type:
"blank" = standard
*Removing the cap which covers the bore will turn the Standard style into a Thru Bore style
T = thru bore*
Output type:
D = line driver 26LS31
V = voltage
Resolution:
100 = 100 PPR
200 = 200 PPR
256 = 256 PPR
360 = 360 PPR
400 = 400 PPR
500 = 500 PPR
1000 = 1000 PPR
1024 = 1024 PPR
"blank" = no kit
ORDERING INSTRUCTIONS
The AME Series are high performance, low cost, 2 channel optical incremental encoders. Each encoder contains a LED
source, an integrated circuit with detectors and circuitry, and an optical disc which rotates between the emitter and detec-
tor IC. These encoders can be quickly and easily mounted to a motor.


Similar Part No. - AME

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
AME05-12D AIMTEC-AME05-12D Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
AME05-12S AIMTEC-AME05-12S Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
AME05-15D AIMTEC-AME05-15D Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
AME05-15S AIMTEC-AME05-15S Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
More results

Similar Description - AME

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com