Electronic Components Datasheet Search
  English  ▼

X  

ESDAULC6-8F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAULC6-8F3
Description  8-line ultralarge bandwidth ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-8F3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAULC6-8F3 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2010
Doc ID 16859 Rev 2
1/8
8
ESDAULC6-8F3
8-line ultralarge bandwidth ESD protection
Features
■ 8-line 15 kV ESD protection
■ ultralarge bandwidth:
– no influence on signal rise and fall times
– maximized number of signal harmonics
■ low PCB space consumption:
1.2 x 1.2 mm² (1.44 mm²)
■ very low leakage current: 0.1 µA max
■ high reliability offered by monolithic integration
■ high reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards:
■ IEC 61000-4-2 Level 4:
– ± 15 kV (air discharge)
– ± 8 kV (contact discharge)
■ IEC 61000-4-2 Level 1:
– ± 2 kV (air discharge)
– ± 2 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required using high speed
differential interfaces:
■ mobile phones
■ portable navigation devices
■ portable multimedia players
Description
The ESDAULC6-8F3 is a monolithic application
specific discrete device dedicated to ESD
protection of high speed differential interfaces.
This device is ideal for applications where both
reduced print circuit board space and power
absorption capability are required.
Figure 1.
Pin configuration (bump side)
Figure 2.
Schematic
TM: HDMI, the HDMI logo and High-Definition Multimedia
Interface are trademarks or registered trademarks of
HDMI Licensing LLC.
Leed-free Flip-Chip package
(9 bumps)
3
2
1
A
C
B
A1 A2 A3 B1
B2
B3 C1 C2 C3
www.st.com


Similar Part No. - ESDAULC6-8F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
Single-line unidirectional ESD protection for high speed interface
05-Jun-2012
ESDAULC6-3BF2 STMICROELECTRONICS-ESDAULC6-3BF2 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
More results

Similar Description - ESDAULC6-8F3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8402MN ONSEMI-NUF8402MN Datasheet
57Kb / 4P
8 Line EMI Filter with ESD Protection
May, 2005 ??Rev. 2
logo
Semtech Corporation
UCLAMP0508T SEMTECH-UCLAMP0508T Datasheet
185Kb / 8P
Low Profile 關ClampTM 8-Line ESD protection
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
logo
Weitron Technology
UF8401MN WEITRON-UF8401MN Datasheet
1Mb / 4P
8 Line ESD/EMI Protection
logo
Alpha & Omega Semicondu...
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
8-Line EMI Filter with Integrated ESD Protection
logo
STMicroelectronics
HDMIULC6-4F3 STMICROELECTRONICS-HDMIULC6-4F3 Datasheet
285Kb / 9P
4-line, ultralarge bandwhith ESD protection
15-Jan-2013
logo
ON Semiconductor
ESD7484 ONSEMI-ESD7484 Datasheet
269Kb / 7P
4-Line Ultra-Large Bandwidth ESD Protection
October, 2011 ??Rev. 0
logo
STMicroelectronics
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
logo
Semtech Corporation
RCLAMP3328P SEMTECH-RCLAMP3328P Datasheet
328Kb / 9P
Low Capacitance RClamp짰 8-Line ESD Protection
RCLAMP7538P SEMTECH-RCLAMP7538P Datasheet
278Kb / 8P
8-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com