Electronic Components Datasheet Search
  English  ▼

X  

ESDAULC6-8F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAULC6-8F3
Description  8-line ultralarge bandwidth ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-8F3 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAULC6-8F3 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-8F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESDAULC6-8F3
Ordering information scheme
Doc ID 16859 Rev 2
5/8
3
Ordering information scheme
Figure 12.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13.
Flip Chip dimensions
ESDA
ULC
6 - 8 F3
ESD array
Ultra low capacitance
Breakdown voltage
Number of protected lines
Package
6 = 6 V min.
8 = eight lines
F = Flip-Chip
3 = Lead-free, pitch 400 µm
400 µm ± 40
255 µm ± 40
605 µm ± 55
1.2 mm ± 30 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com