Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC12-1BV2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAVLC12-1BV2
Description  Single line bidirectional TVS diode for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC12-1BV2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAVLC12-1BV2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 8Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESDAVLC12-1BV2
Characteristics
DocID027160 Rev 2
3/9
1.1
Characteristics (curves)
Figure 3: Junction capacitance versus applied
voltage
Figure 4: Variation of leakage current versus
junction temperature (typical values)
Figure 5: ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6: ESD response to IEC 61000-4-2
(-8 kV contact discharge)
Figure 7: TLP measurements
Figure 8: S21 attenuation measurement result
C(pF)
0
2
4
6
8
10
12
7
6
5
4
3
2
1
0
VR(V)
0
25
50
75
100
125
150
0
1
2
3
4
5
VR = VRM = 10.5 V
Forward and reverse
IR(nA)
T
j
(°C
)
Forward
Reverse
IPP(A)
0
2
4
6
8
10
12
14
16
18
20
22
0
5
10
15
20
25
30
35
40
45
50
Linear (Voltage Forward (VF))
Linear (Breakdown (VBR))
VCL(V)
10M
30M
100M
300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
I - O
S21(dB)
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com