Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC12-1BV2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAVLC12-1BV2
Description  Single line bidirectional TVS diode for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC12-1BV2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAVLC12-1BV2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 8Page - STMicroelectronics ESDAVLC12-1BV2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ESDAVLC12-1BV2
Package information
DocID027160 Rev 2
5/9
Bar indicates Pin1
Use r direc t ion of un ree ling
All dimensions are in mm
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.50 ± 0.1
0.20 ± 0.03
0.23 ± 0.03
0.20 ± 0.2
Table 3: ST01005 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.16
0.18
0.20
0.0063
0.0071
0.0079
b
0.094
0.104
0.114
0.0037
0.0041
0.0045
E
0.17
0.2
0.23
0.0067
0.0078
0.0091
E1
0.154
0.164
0.174
0.0061
0.0065
0.0069
D
0.37
0.40
0.43
0.0146
0.0157
0.0169
D1
0.26
0.6
0.0102
0.0236
fE
0.010
0.018
0.026
0.0004
0.0007
0.0010
fD
0.11
0.125
0.13
0.0043
0.0049
0.0051
Figure 10: Footprint recommendations,
dimensions in mm (inches)
Figure 11: Marking layout
Product marking may be rotated by multiples of 90° for assembly plant
differentiation. In no case should this product marking be used to orient the
component for its placement on a PCB. Only pin 1 mark is to be used for this
purpose.
Figure 12: Tape and reel specifications
170 µm
120 µm
460 µm
Top side soldermask
Pads
PIN 1
PIN 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com