Electronic Components Datasheet Search
  English  ▼

X  

AD7607BSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7607BSTZ Datasheet HTML 18Page - Analog Devices AD7607BSTZ Datasheet HTML 19Page - Analog Devices AD7607BSTZ Datasheet HTML 20Page - Analog Devices AD7607BSTZ Datasheet HTML 21Page - Analog Devices AD7607BSTZ Datasheet HTML 22Page - Analog Devices AD7607BSTZ Datasheet HTML 23Page - Analog Devices AD7607BSTZ Datasheet HTML 24Page - Analog Devices AD7607BSTZ Datasheet HTML 25Page - Analog Devices AD7607BSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD7607
Rev. C | Page 21 of 32
INTERNAL/EXTERNAL REFERENCE
The AD7607 contains an on-chip 2.5 V band gap reference. The
REFIN/REFOUT pin allows access to the 2.5 V reference that
generates the on-chip 4.5 V reference internally, or it allows
an external reference of 2.5 V to be applied to the AD7607. An
externally applied reference of 2.5 V is also gained up to 4.5 V, using
the internal buffer. This 4.5 V buffered reference is the reference
used by the SAR ADC.
The REF SELECT pin is a logic input pin that allows the user to
select between the internal reference or an external reference.
If this pin is set to logic high, the internal reference is selected
and enabled. If this pin is set to logic low, the internal reference
is disabled and an external reference voltage must be applied
to the REFIN/REFOUT pin. The internal reference buffer is
always enabled. After a reset, the AD7607 operates in the
reference mode selected by the REF SELECT pin. Decoupling is
required on the REFIN/REFOUT pin for both the internal and
external reference options. A 10 µF ceramic capacitor is
required on the REFIN/REFOUT pin.
The AD7607 contains a reference buffer configured to gain the
REF voltage up to ~4.5 V, as shown in Figure 36. The REFCAPA
and REFCAPB pins must be shorted together externally, and
a ceramic capacitor of 10 μF applied to REFGND, to ensure that
the reference buffer is in closed-loop operation. The reference
voltage available at the REFIN/REFOUT pin is 2.5 V.
When the AD7607 is configured in external reference mode,
the REFIN/REFOUT pin is a high input impedance pin. For
applications using multiple AD7607 devices, the following
configurations are recommended, depending on the application
requirements.
External Reference Mode
One ADR421 external reference can be used to drive the
REFIN/REFOUT pins of all AD7607 devices (see Figure 37).
In this configuration, each REFIN/REFOUT pin of the AD7607
should be decoupled with a 100 nF decoupling capacitor.
Internal Reference Mode
One AD7607 device, configured to operate in the internal
reference mode, can be used to drive the remaining AD7607
devices, which are configured to operate in external reference
mode (see Figure 38). The REFIN/REFOUT pin of the AD7607,
configured in internal reference mode, should be decoupled
using a 10 µF ceramic decoupling capacitor. The other AD7607
devices, configured in external reference mode, should use a
100 nF decoupling capacitor on their REFIN/REFOUT pins.
BUF
SAR
2.5V
REF
REFCAPB
REFIN/REFOUT
REFCAPA
10µF
Figure 36. Reference Circuitry
AD7607
REF SELECT
REFIN/REFOUT
AD7607
REF SELECT
REFIN/REFOUT
100nF
0.1µF
100nF
AD7607
REF SELECT
REFIN/REFOUT
100nF
ADR421
Figure 37. Single External Reference Driving Multiple AD7607 REFIN Pins
AD7607
REF SELECT
REFIN/REFOUT
+
10µF
AD7607
REF SELECT
REFIN/REFOUT
100nF
AD7607
REF SELECT
REFIN/REFOUT
100nF
VDRIVE
Figure 38. Internal Reference Driving Multiple AD7607 REFIN Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com