Electronic Components Datasheet Search
  English  ▼

X  

AD7607BSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7607BSTZ Datasheet HTML 25Page - Analog Devices AD7607BSTZ Datasheet HTML 26Page - Analog Devices AD7607BSTZ Datasheet HTML 27Page - Analog Devices AD7607BSTZ Datasheet HTML 28Page - Analog Devices AD7607BSTZ Datasheet HTML 29Page - Analog Devices AD7607BSTZ Datasheet HTML 30Page - Analog Devices AD7607BSTZ Datasheet HTML 31Page - Analog Devices AD7607BSTZ Datasheet HTML 32Page - Analog Devices AD7607BSTZ Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 28 of 32
–2
–1
0
CODE
1
2
2000
1800
1600
1400
1200
1000
800
600
400
200
0
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS64
Figure 50. Histogram of Codes, Oversampling by 64
If the OS[2:0] pins are set to select an oversampling ratio of 8,
for example, the next CONVST x rising edge takes the first sample
for each channel. The remaining seven samples for all channels
are taken with an internally generated sampling signal. As the
oversampling ratio is increased, the 3 dB frequency is reduced and
the allowed sampling frequency is also reduced (see Table 9). The
OS[2:0] pins should be configured to suit the filtering requirements
of the application.
The CONVST A and CONVST B pins must be tied/driven
together when oversampling is turned on. When the oversampling
function is turned on, the BUSY high time for the conversion
process extends. The actual BUSY high time depends on the over-
sampling rate that is selected: the higher the oversampling rate,
the longer the BUSY high or total conversion time (see Table 3).
Figure 51 shows that the conversion time extends as the over-
sampling rate is increased. To achieve the fastest throughput
rate possible when oversampling is turned on, the read can be
performed during the BUSY high time. The falling edge of BUSY
is used to update the output data registers with the new conversion
data; therefore, the reading of conversion data should not occur on
this edge.
CS
RD
DATA:
DB[15:0]
BUSY
CONVST A
AND
CONVST B
tCYCLE
tCONV
4µs
t4
t4
t4
19µs
39µs
OS = 0 OS = 4 OS = 8
Figure 51. No Oversampling, Oversampling by 4, and Oversampling by 8
Using Read After Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com