Electronic Components Datasheet Search
  English  ▼

X  

M48T254V Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 2Page - STMicroelectronics M48T254V Datasheet HTML 3Page - STMicroelectronics M48T254V Datasheet HTML 4Page - STMicroelectronics M48T254V Datasheet HTML 5Page - STMicroelectronics M48T254V Datasheet HTML 6Page - STMicroelectronics M48T254V Datasheet HTML 7Page - STMicroelectronics M48T254V Datasheet HTML 8Page - STMicroelectronics M48T254V Datasheet HTML 9Page - STMicroelectronics M48T254V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
M48T254V
6/24
Figure 6. M48T254V PBGA Module Solution (Side/Top)
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 2. Absolute Maximum Ratings
CAUTION! Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up Mode.
AI04214b
Symbol
Parameter
Value
Unit
TA
Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC, Oscillator Off)
–40 to 85
°C
TSLD
Lead Solder Temperature for 10 seconds
260
°C
VCC
Supply Voltage (on any pin relative to Ground)
–0.3 to +4.6
V
VIO
Input or Output Voltages
–0.3 to VCC + 0.3
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com