Electronic Components Datasheet Search
  English  ▼

X  

M48T254V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 1 Page - STMicroelectronics

  M48T254V Datasheet HTML 1Page - STMicroelectronics M48T254V Datasheet HTML 2Page - STMicroelectronics M48T254V Datasheet HTML 3Page - STMicroelectronics M48T254V Datasheet HTML 4Page - STMicroelectronics M48T254V Datasheet HTML 5Page - STMicroelectronics M48T254V Datasheet HTML 6Page - STMicroelectronics M48T254V Datasheet HTML 7Page - STMicroelectronics M48T254V Datasheet HTML 8Page - STMicroelectronics M48T254V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
May 2003
Rev. 2.0
M48T254V
3.3V, 16 Mbit (2 Mb x 8 bit) TIMEKEEPER®
SRAM WITH PHANTOM CLOCK
FEATURES SUMMARY
s
3.3V ± 10%
s
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL CONTROL
CIRCUIT, BATTERY AND CRYSTAL
s
REAL TIME CLOCK KEEPS TRACK OF
TENTHS/HUNDREDTHS OF SECONDS,
SECONDS, MINUTES, HOURS, DAYS, DATE,
MONTHS, and YEARS.
s
CLOCK FUNCTION IS TRANSPARENT TO
RAM OPERATION.
s
PRECISION POWER MONITORING and
POWER SWITCHING CIRCUITRY
s
AUTOMATIC WRITE-PROTECTION WHEN
VCC IS OUT-OF-TOLERANCE
s
POWER-FAIL DESELECT VOLTAGE:
–VCC = 3.3V ± 10%; 2.8V ≤ VPFD ≤ 2.97V
s
BATTERY LOW (BL)
s
10 YEARS of DATA RETENTION and CLOCK
OPERATION IN THE ABSENCE OF POWER
s
SNAPHAT HOUSING (BATTERY/CRYSTAL)
IS REPLACEABLE
s
100ns ACCESS (READ = WRITE)
Figure 1. 168-ball PBGA Module
Figure 2. SNAPHAT Crystal/Battery
168-ball PBGA
Module (ZA)
SNAPHAT (SH)
Crystal/Battery


Similar Part No. - M48T254V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T251V STMICROELECTRONICS-M48T251V Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
M48T251V-70PM1 STMICROELECTRONICS-M48T251V-70PM1 Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
M48T251V-70PM1TR STMICROELECTRONICS-M48T251V-70PM1TR Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
M48T251V-85PM1 STMICROELECTRONICS-M48T251V-85PM1 Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
M48T251V-85PM1TR STMICROELECTRONICS-M48T251V-85PM1TR Datasheet
366Kb / 24P
5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
Feb-2005
More results

Similar Description - M48T254V

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2016 DALLAS-DS2016 Datasheet
254Kb / 9P
2k x 8 3V/5V Operation Static RAM
logo
Motorola, Inc
MC6802 MOTOROLA-MC6802 Datasheet
669Kb / 22P
Microprocessor With Clock and Oprtional RAM
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
Real-Time Clock with NV RAM
logo
Seiko Instruments Inc
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
Function to prevent malfunction by monitoring clock pulse
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
Function to prevent malfunction by monitoring clock pulse
logo
Micross Components
AS5SP128K32 MICROSS-AS5SP128K32 Datasheet
759Kb / 13P
Synchronous Operation in relation to the input Clock
logo
Seiko Instruments Inc
S-1410 SII-S-1410 Datasheet
3Mb / 36P
Watchdog operation is switchable
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
2k x 8 3V/5V Operation Static RAM
032706
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com