Electronic Components Datasheet Search
  English  ▼

X  

CA12375 Datasheet(PDF) 5 Page - Cree, Inc

Part # CA12375
Description  Tina series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12375 Datasheet(HTML) 5 Page - Cree, Inc

  CA12375 Datasheet HTML 1Page - Cree, Inc CA12375 Datasheet HTML 2Page - Cree, Inc CA12375 Datasheet HTML 3Page - Cree, Inc CA12375 Datasheet HTML 4Page - Cree, Inc CA12375 Datasheet HTML 5Page - Cree, Inc CA12375 Datasheet HTML 6Page - Cree, Inc CA12375 Datasheet HTML 7Page - Cree, Inc CA12375 Datasheet HTML 8Page - Cree, Inc CA12375 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Oval beam direction
(O-90 is turned 90 degree)
A
D
3
2
4
1
DESIGNED BY
ol
DATE
xx
CHECKED BY
DATE
28.12.2011
DRAWN BY
DATE
28.12.2011
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
3:1 WEIGHT(g)
-
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Datasheet Tina2-OSL
MATERIALS
Lens: PMMA
Holder: PC
Tape: PU Foam
Ledil Oy
Salorankatu 10
FIN-24100 SALO
Finland
Lens
Tape 0.4mm
Holder
ah
sn
Front view
Bottom view
2
5. 3
Top view
1 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com