Electronic Components Datasheet Search
  English  ▼

X  

CA12375 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12375
Description  Tina series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12375 Datasheet(HTML) 1 Page - Cree, Inc

  CA12375 Datasheet HTML 1Page - Cree, Inc CA12375 Datasheet HTML 2Page - Cree, Inc CA12375 Datasheet HTML 3Page - Cree, Inc CA12375 Datasheet HTML 4Page - Cree, Inc CA12375 Datasheet HTML 5Page - Cree, Inc CA12375 Datasheet HTML 6Page - Cree, Inc CA12375 Datasheet HTML 7Page - Cree, Inc CA12375 Datasheet HTML 8Page - Cree, Inc CA12375 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRODUCT DATASHEET
Tina series
last update 11/6/2014
DETAILS
Product Number
CA12375_TINA2-D
Family
Tina
Type
Assembly
Color
black
Diameter
16 mm
Height
9,5 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Comliant
Yes
Date Updated
11/06/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XB-H
16 deg
Diffuser
86 %
7.700
-
LUXEON Z ES
12 deg
Diffuser
-
-
-
LUXEON TX
15 deg
Diffuser
88 %
8.250
-
NWSx229A
25 deg
Diffuser
85 %
3.400
-
NVSxx19B/NVSxx19C
18 deg
Diffuser
87 %
6.100
-
SFH 4715S
17 deg
Diffuser
-
-
-
Oslon SSL 80
12 deg
Diffuser
87 %
7.855
-
Oslon SSL 150
14 deg
Diffuser
89 %
9.300
-
Oslon Square PC
13 deg
Diffuser
87 %
6.300
-
Oslon Square EC
16 deg
Diffuser
87 %
6.200
-
SFH 4725S
15 deg
Diffuser
-
-
-
Duris S5 (2 chip)
sim: 17
Diffuser
sim: 92 % sim: 8.030 -
Oslon Square EC
16 deg
Diffuser
82 %
7.940
-
June 9th 2017 4:56 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12375

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12375 LEDIL-CA12375 Datasheet
8Mb / 9P
~16째 diffused spot beam optimized for CREE XP-E.
More results

Similar Description - CA12375

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
Tina series
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
Tina series
CA12401 CREE-CA12401 Datasheet
66Kb / 2P
Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
Tina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com