Electronic Components Datasheet Search
  English  ▼

X  

FC15465 Datasheet(PDF) 2 Page - Cree, Inc

Part # FC15465
Description  Florentina series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC15465 Datasheet(HTML) 2 Page - Cree, Inc

  FC15465 Datasheet HTML 1Page - Cree, Inc FC15465 Datasheet HTML 2Page - Cree, Inc FC15465 Datasheet HTML 3Page - Cree, Inc FC15465 Datasheet HTML 4Page - Cree, Inc FC15465 Datasheet HTML 5Page - Cree, Inc FC15465 Datasheet HTML 6Page - Cree, Inc FC15465 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/3
SIZE
A3
DRAWING TITLE
FLORENTINA-2X2 OPEN assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Assembly:
1. Attach lenses by pressing them down until they snap into place.
2. Screw the holder (with lenses assembled) to PCB. Inspect that the positioning
pins are securely in their holes.
3. Press the shade down on the holder until they are securely attached.
Optional side attachment: The holder can also be attached with DIN 7985 M3 nuts
1. One nut per side for rotational attachment
2. Two per side for fixed beam direction
Recommendations:
Screw type DIN 7985 M3, max. torque 0.6Nm
INDEX PART NO
DESCRIPTION
MATERIAL
COLOUR
1
C15196
FLORENTINA-2X2-SHD-OPEN
PC
black
2
ROSE-series lens
PC
clear
3
C14735
FLORENTINA-2X2-HLD
PC
black
3 .
3
4 0
2 0
PCB
4 0
9 2 . 1 4
4 . 2 7
6 7
LED middle position
1
2
3
Optional attachment 1
Optional attachment 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com