Electronic Components Datasheet Search
  English  ▼

X  

FC15465 Datasheet(PDF) 1 Page - Cree, Inc

Part # FC15465
Description  Florentina series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC15465 Datasheet(HTML) 1 Page - Cree, Inc

  FC15465 Datasheet HTML 1Page - Cree, Inc FC15465 Datasheet HTML 2Page - Cree, Inc FC15465 Datasheet HTML 3Page - Cree, Inc FC15465 Datasheet HTML 4Page - Cree, Inc FC15465 Datasheet HTML 5Page - Cree, Inc FC15465 Datasheet HTML 6Page - Cree, Inc FC15465 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Florentina series
last update 21/12/2016
DETAILS
Product Number
FC15465_FLORENTINA-2X2-OPEN-M
Family
Florentina
Type
Pack
Color
black
Diameter
92,14x92,14 mm
Height
17,72 mm
Style
square
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
21/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XHP35 HD
31 deg
77 %
2.300
-
XP-L
30 deg
75 %
2.400
-
LUXEON TX
30 deg
80 %
2.700
-
LUXEON MZ
29 deg
74 %
2.500
-
NVSxx19B/NVSxx19C
30 deg
79 %
2.600
-
Oslon Square EC
30 deg
80 %
2.700
-
June 9th 2017 5:25 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC15465

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
Florentina series
FC15464 CREE-FC15464 Datasheet
770Kb / 7P
Florentina series
FC15467 CREE-FC15467 Datasheet
767Kb / 7P
Florentina series
More results

Similar Description - FC15465

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
Florentina series
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
Florentina series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com