Electronic Components Datasheet Search
  English  ▼

X  

LME Datasheet(PDF) 4 Page - CUI INC

Part # LME
Description  modular incremental encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

LME Datasheet(HTML) 4 Page - CUI INC

  LME Datasheet HTML 1Page - CUI INC LME Datasheet HTML 2Page - CUI INC LME Datasheet HTML 3Page - CUI INC LME Datasheet HTML 4Page - CUI INC LME Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
24.38
3.3
0.960
0.05
0.130
(2 PLCS)
46.0 1.811
30.0 1.181
2.4 0.094
(2 PLCS)
SCALE 1:2
56.0 2.205
(8 PLCS)
500.0 19.685
3.0 0.118
5.0 0.197
A
A
SECTION A-A
CODE
WHEEL
2.0 0.079
1.020
25.91
0.118
3.0
17.0 0.669
B
REV.
DESCRIPTION
DATE
A
NEW DRAWING
4/15/2008
SPECIFIED
Cable Color
Line Driver Output
Cable Code
A
8
Orange
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Cable Color
Cable Code
Black
Website: www.cui.com
RoHS
Fax: 503-612-2383
Z
-
-
-
-
7
-
Z
-
Yellow
-
6
-
_
B
-
Grey
B
5
5
B
White
White
Vcc
4
4
_
A
Red
Brown
A
3
3
A
Green
Green
Z
2
2
Vcc
Yellow
Red
0V
1
1
0V
Black
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
_
Voltage Output
1:1
LME - MODULAR OPTICAL ENCODER
6mm
BY CUI INC.
TITLE:
MM [INCHES]
COPYRIGHT 2008
LME - STANDARD BORE
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
LME - STANDARD BORE
REV:
-0.00
tolerance
+0.033
20mm
19mm
14mm
10mm
8mm
6.35mm
ØB
(bore size)
66.0 2.597



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com