Electronic Components Datasheet Search
  English  ▼

X  

LME Datasheet(PDF) 1 Page - CUI INC

Part # LME
Description  modular incremental encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

LME Datasheet(HTML) 1 Page - CUI INC

  LME Datasheet HTML 1Page - CUI INC LME Datasheet HTML 2Page - CUI INC LME Datasheet HTML 3Page - CUI INC LME Datasheet HTML 4Page - CUI INC LME Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
DESCRIPTION: modular incremental encoder
1 of 5
01/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2383
PART NUMBER: LME
ELECTRICAL SPECIFICATIONS
e
v
a
w
e
r
a
u
q
S
m
r
o
f
e
v
a
w
t
u
p
t
u
o
e
s
a
h
p
Z
,
B
,
A
s
l
a
n
g
i
s
t
u
p
t
u
o
current consumption
60 mA
°
5
4
±
°
0
9
e
c
n
e
r
e
ff
i
d
e
s
a
h
p
t
u
p
t
u
o
c
d
V
5
e
g
a
tl
o
v
y
l
p
p
u
s
8
4
0
2
,
0
0
0
2
,
4
2
0
1
,
0
0
0
1
)
r
p
p
(
n
o
it
u
l
o
s
e
r
t
u
p
t
u
o
(other resolutions available upon request)
z
H
K
0
0
1
~
0
e
s
n
o
p
s
e
r
y
c
n
e
u
q
e
rf
A
m
5
~
0
t
n
e
r
r
u
c
t
u
p
t
u
o
MECHANICAL SPECIFICATIONS
rotor inertia of code-wheel
6.0x10-8 kgm2
s
/
m
0
8
9
e
c
n
a
t
s
i
s
e
r
k
c
o
h
s
2 ,6ms, 2 times each on XYZ
s
/
m
0
5
f
o
o
r
p
n
o
it
a
r
b
i
v
2 ,10~200 Hz, 2 hours each on XYZ
F
B
T
M
e
fi
l
g
n
i
k
r
o
w
5000h(+25°C, 2000rpm)
)
e
l
b
a
c
r
e
t
e
m
5
.
0
h
ti
w
(
g
5
2
t
h
g
i
e
w
ENVIRONMENTAL SPECIFICATIONS
C
°
5
8
+
o
t
°
5
2
-
p
m
e
t
g
n
it
a
r
e
p
o
C
°
5
8
+
o
t
°
0
4
-
p
m
e
t
e
g
a
r
o
t
s
n
o
it
a
s
n
e
d
n
o
c
o
n
%
5
8
~
0
3
y
ti
d
i
m
u
h
0
5
P
I
n
o
it
c
e
t
o
r
p
K = kit (Digi-Key only):
contains encoder,
centering tool, and
Allen wrench
"blank" = no kit
LME - XXXXX - XXXXXX
Bore size:
600 = 6mm
635 = 6.35mm (1/4”)
800 = 8mm
1000 = 10mm
1400 = 14mm
1900 = 19mm
2000 = 20mm
Bore type:
“blank” = standard
T = thru bore
Output type:
D = line driver 26LS31
V = voltage
Resolution:
1000 = 1000 PPR
1024 = 1024 PPR
2000 = 2000 PPR
2048 = 2048 PPR
ORDERING INSTRUCTIONS
The LME Series are high performance, low cost, 3 channel optical incremental encoders. Each encoder contains a LED
source, an integrated circuit with detectors and circuitry, and an optical disc which rotates between the emitter and
detector IC. These encoders can be quickly and easily mounted to a motor.


Similar Part No. - LME

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME CANDD-LME Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
logo
Murata Power Solutions ...
LME MURATA-PS-LME Datasheet
142Kb / 4P
Isolated 250mW Single Output DC-DC Converters
logo
C&D Technologies
LME0305D CANDD-LME0305D Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
LME0305S CANDD-LME0305S Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME0305SC MURATA-LME0305SC Datasheet
183Kb / 4P
LME Series Isolated 250mW Single Output DC/DC Converters
More results

Similar Description - LME

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
BME CUI-BME Datasheet
343Kb / 6P
modular incremental encoder
01/2009
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com