Electronic Components Datasheet Search
  English  ▼

X  

C12480 Datasheet(PDF) 2 Page - Cree, Inc

Part # C12480
Description  Mirella series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12480 Datasheet(HTML) 2 Page - Cree, Inc

  C12480 Datasheet HTML 1Page - Cree, Inc C12480 Datasheet HTML 2Page - Cree, Inc C12480 Datasheet HTML 3Page - Cree, Inc C12480 Datasheet HTML 4Page - Cree, Inc C12480 Datasheet HTML 5Page - Cree, Inc C12480 Datasheet HTML 6Page - Cree, Inc C12480 Datasheet HTML 7Page - Cree, Inc C12480 Datasheet HTML 8Page - Cree, Inc C12480 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of C12480_MIRELLA-50-S-PIN_(XM-L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com