Electronic Components Datasheet Search
  English  ▼

X  

C12480 Datasheet(PDF) 1 Page - Cree, Inc

Part # C12480
Description  Mirella series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12480 Datasheet(HTML) 1 Page - Cree, Inc

  C12480 Datasheet HTML 1Page - Cree, Inc C12480 Datasheet HTML 2Page - Cree, Inc C12480 Datasheet HTML 3Page - Cree, Inc C12480 Datasheet HTML 4Page - Cree, Inc C12480 Datasheet HTML 5Page - Cree, Inc C12480 Datasheet HTML 6Page - Cree, Inc C12480 Datasheet HTML 7Page - Cree, Inc C12480 Datasheet HTML 8Page - Cree, Inc C12480 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PRODUCT DATASHEET
Mirella series
last update 1/9/2014
DETAILS
Product Number
C12480_MIRELLA-50-S-PIN
Family
Mirella
Type
Reflector
Color
metal
Diameter
49,9 mm
Height
23,9 mm
Style
round
Optic Material
PC
Holder Material
Fastening
pin
Status
production ready
ROHS Comliant
Yes
Date Updated
1/09/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
8,7 deg
Spot
90 %
19.340
-
XT-E
7.6 deg
Spot
89 %
23.980
-
XP-G
8.1 deg
Spot
91 %
24.980
-
XP-G2
7.9 deg
Spot
91 %
25.060
-
XM-L2
8.6 deg
Spot
91 %
18.940
-
MHB-A/B
14 deg
Spot
90 %
9.360
-
XHP50
13 deg
Spot
93 %
8.800
-
XP-L HI
7.7 deg
Spot
90 %
24.900
-
XHP35 HD
sim: 11
Spot
sim: 92 % sim: 11.800 -
LUXEON A
8.9 deg
Spot
89 %
20.540
-
LUXEON M/MX
12 deg
Spot
91 %
10.310
-
LUXEON MZ
8.7 deg
Spot
90 %
19.280
-
LUXEON 5258
sim: 9
Spot
sim: 91 % sim: 17.000 -
LUXEON 5050
11 deg
Spot
93 %
11.900
-
NS9x383
9.2 deg
Spot
89 %
17.740
-
NV4x144A
13 deg
Spot
92 %
9.200
-
Oslon Square EC
8.0 deg
Spot
90 %
23.550
-
Duris S8
9.7 deg
Spot
91 %
16.040
-
Duris P10
sim: 10
Spot
sim: 92 % sim: 11.600 -
LH508A
12 deg
Spot
90 %
10.500
-
Z8Y22P
sim: 6,9
Spot
sim: 91 % sim: 25.670 -
June 12th 2017 3:47 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12480

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12480 LEDIL-C12480 Datasheet
13Mb / 17P
~15째 spot beam
More results

Similar Description - C12480

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13517 CREE-CN13517 Datasheet
1Mb / 39P
Mirella series
CN13520 CREE-CN13520 Datasheet
1Mb / 41P
Mirella series
CN13764 CREE-CN13764 Datasheet
999Kb / 19P
Mirella series
CN13772 CREE-CN13772 Datasheet
613Kb / 14P
Mirella series
C14115 CREE-C14115 Datasheet
355Kb / 3P
Mirella series
CN13127 CREE-CN13127 Datasheet
2Mb / 40P
Mirella series
CN13130 CREE-CN13130 Datasheet
1Mb / 29P
Mirella series
CN12488 CREE-CN12488 Datasheet
1Mb / 35P
Mirella series
CN13902 CREE-CN13902 Datasheet
621Kb / 14P
Mirella series
CN13905 CREE-CN13905 Datasheet
1Mb / 22P
Mirella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com